Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS130E08IPAG Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS130E08IPAG
Szczegółowy opis  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAG Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS130E08IPAG Datasheet HTML 1Page - Texas Instruments ADS130E08IPAG Datasheet HTML 2Page - Texas Instruments ADS130E08IPAG Datasheet HTML 3Page - Texas Instruments ADS130E08IPAG Datasheet HTML 4Page - Texas Instruments ADS130E08IPAG Datasheet HTML 5Page - Texas Instruments ADS130E08IPAG Datasheet HTML 6Page - Texas Instruments ADS130E08IPAG Datasheet HTML 7Page - Texas Instruments ADS130E08IPAG Datasheet HTML 8Page - Texas Instruments ADS130E08IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
EMI
Filters
and
Input
MUX
Control
and
SPI Interface
Voltage
Reference
Oscillator
Fault
Detection
Test
Device
Current
Sensing
Line A
Voltage
Sensing
Channel 1
Channel 2
Channel 3
PGA
û
ADC
PGA
û
ADC
PGA
û
ADC
Current
Sensing
Voltage
Sensing
Current
Sensing
Voltage
Sensing
Current
Sensing
Voltage
Sensing
PGA
û
ADC
PGA
û
ADC
PGA
û
ADC
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
PGA
û
ADC
PGA
û
ADC
Line B
Line C
Line N
Op
Amp
ADS130E08
www.ti.com
SBAS574A – JULY 2012 – REVISED SEPTEMBER 2012
Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Check for Samples: ADS130E08
The device incorporates commonly-required features
1
FEATURES
in industrial metering applications. With high levels of
23
Eight Differential Current and Voltage Inputs
integration
and
exceptional
performance,
the
Eight Low-Noise PGAs and
ADS130E08
enables
the
creation
of
scalable
Eight High-Resolution ADCs
industrial power systems at significantly reduced size,
power, and low overall cost.
Exceeds Class 1.0 Performance
The ADS130E08 has a flexible input multiplexer per
CMRR: –110 dB
channel that can be independently connected to the
Crosstalk: –105 dB
internally-generated signals for test, temperature, and
THD: –108 dB
fault detection. The ADS130E08 operates at a data
Power: 750 µW/Channel
rate of 8 kSPS. Fault detection can be implemented
internal
to
the
device
using
the
integrated
Data Rates: 8 kSPS
comparators with digital-to-analog converter (DAC)-
Programmable Gains (1, 2, and 8)
controlled trigger levels.
DC Coupling:
Multiple devices can be cascaded in high channel
Dual Supplies: +3 V to +5 V or
count systems in a daisy-chain configuration. These
+1.8 V to +3.6 V
complete
analog
front-end
(AFE)
solutions
are
packaged in a TQFP-64 package and specified over
Bipolar Supply: ±2.5 V
the industrial temperature range of –40°C to +105°C.
Built-In Test Signals
Fault Detection Comparators
Four GPIO Pins
Internal and External Reference
Flexible Power-Down: STBY Mode
SPI™ Data Interface
Package: TQFP-64 (PAG)
Operating Temperature Range:
–40°C to +105°C
APPLICATIONS
Industrial Power Applications:
Three-Phase Metering
Industrial Applications
DESCRIPTION
The ADS130E08 is a multi-channel, simultaneous
sampling, 16-bit, delta-sigma (
ΔΣ) analog-to-digital
converter (ADC) with a built-in programmable gain
amplifier (PGA), internal reference, and an external
oscillator interface.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS130E08IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Podobny opis - ADS130E08IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com