Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1014IDGSR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1014IDGSR
Szczegółowy opis  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1014IDGSR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1014IDGSR Datasheet HTML 2Page - Texas Instruments ADS1014IDGSR Datasheet HTML 3Page - Texas Instruments ADS1014IDGSR Datasheet HTML 4Page - Texas Instruments ADS1014IDGSR Datasheet HTML 5Page - Texas Instruments ADS1014IDGSR Datasheet HTML 6Page - Texas Instruments ADS1014IDGSR Datasheet HTML 7Page - Texas Instruments ADS1014IDGSR Datasheet HTML 8Page - Texas Instruments ADS1014IDGSR Datasheet HTML 9Page - Texas Instruments ADS1014IDGSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
300
250
200
150
100
50
0
-
40
-
20
0
20
40
60
80
100
120
140
Temperature(°C)
VDD =5V
VDD =2V
VDD =3.3V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
100
120
140
Temperature(°C)
VDD =3.3V
VDD =2V
VDD =5V
150
100
50
0
50
100
150
200
250
300
-
-
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature( C)
°
VDD=2V
FS= 4.096V
±
(1)
FS= 2.048V
±
FS= 1.024V
±
FS= 0.512V
±
VDD=5V
60
50
40
30
20
10
0
10
20
-
-
-
40
-
20
0
20
40
60
80
100
120
140
Temperature(°C)
VDD =3V
VDD =2V
VDD =5V
VDD =4V
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature(°C)
FS= 0.512V
±
FS= 0.256V
±
FS= 1.024V, 2.048V,
4.096V ,and 6.144V
±
±
±
±
(1)
(1)
4
3
2
1
0
1
2
3
4
-
-
-
-
0
2000
4000
6000
8000
10000
12000
14000
ReadingNumber
DR=3300SPS
FS= 2.048V
14kSamples
±
ADS1013
ADS1014
ADS1015
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
OPERATING CURRENT vs TEMPERATURE
SHUTDOWN CURRENT vs TEMPERATURE
Figure 2.
Figure 3.
SINGLE-ENDED OFFSET ERROR vs TEMPERATURE(1)
DIFFERENTIAL OFFSET vs TEMPERATURE
Figure 4.
Figure 5.
GAIN ERROR vs TEMPERATURE
NOISE PLOT
Figure 6.
Figure 7.
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Podobny numer części - ADS1014IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1014IDGSR TI1-ADS1014IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Podobny opis - ADS1014IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com