Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4625-E Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części LA4625-E
Szczegółowy opis  2-channel 13.5W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4625-E Arkusz danych(HTML) 8 Page - ON Semiconductor

  LA4625-E Datasheet HTML 1Page - ON Semiconductor LA4625-E Datasheet HTML 2Page - ON Semiconductor LA4625-E Datasheet HTML 3Page - ON Semiconductor LA4625-E Datasheet HTML 4Page - ON Semiconductor LA4625-E Datasheet HTML 5Page - ON Semiconductor LA4625-E Datasheet HTML 6Page - ON Semiconductor LA4625-E Datasheet HTML 7Page - ON Semiconductor LA4625-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LA4625
LA4625/D
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any
products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. SCILLC strives to supply
high-quality high-reliability products and recommends adopting safety measures when designing equipment to avoid accidents or malfunctions. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications
can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals,” must be validated for each customer application by customer’s
technical experts. SCILLC shall not be held liable for any claim or suits with regard to a third party’s intellectual property rights which has resulted from the use of the technical information and
products mentioned above. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components
in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create
a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part.
SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
N. American Technical Support: 800-282-9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - LA4625-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Podobny opis - LA4625-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com