Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A22366 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TS5A22366
Szczegółowy opis  0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22366 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5A22366_14 Datasheet HTML 4Page - Texas Instruments TS5A22366_14 Datasheet HTML 5Page - Texas Instruments TS5A22366_14 Datasheet HTML 6Page - Texas Instruments TS5A22366_14 Datasheet HTML 7Page - Texas Instruments TS5A22366_14 Datasheet HTML 8Page - Texas Instruments TS5A22366_14 Datasheet HTML 9Page - Texas Instruments TS5A22366_14 Datasheet HTML 10Page - Texas Instruments TS5A22366_14 Datasheet HTML 11Page - Texas Instruments TS5A22366_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TS5A22366
SCDS262B – JANUARY 2009 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
3.3 V
199
313
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
RL = 300 Ω,
See Figure 19
Full
3 V to 3.6 V
370
25°C
3.3 V
182
289.9
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 300 Ω,
See Figure 19
Full
3 V to 3.6 V
350
Break-before-
VNC = VNO = V+/2
CL = 35 pF,
tBBM
25°C
3.3 V
1
7.1
ns
make time
RL = 300 Ω,
See Figure 20
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
3.3 V
120
pC
RGEN = 0,
See Figure 24
VNC or VNO = V+ or
NC, NO
CNC(OFF),
V+ – 5.5 V,
See Figure 18
25°C
3.3 V
50
pF
OFF capacitance
CNO(OFF)
Switch OFF,
VNC or VNO = V+ or
NC, NO
CNC(ON),
GND,
See Figure 18
25°C
3.3 V
180
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
3.3 V
180
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND
See Figure 18
25°C
3.3 V
3
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25°C
3.3 V
32
MHz
See Figure 20
f = 100 kHz,
–70
RL = 50 Ω, Switch
OFF isolation
OISO
OFF,
f = 1 MHz,
25°C
3.3 V
–50
dB
See Figure 22
f = 5 MHz,
–35
f = 100 kHz,
–70
RL = 50 Ω, Switch
Crosstalk
XTALK
ON,
f = 1 MHz,
25°C
3.3 V
–50
dB
See Figure 23
f = 5 MHz,
–35
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
3.3 V
0.01
%
distortion
CL = 50 pF,
See Figure 25
Supply
Positive
I+
VI = 1.8 V or GND
Full
3.6 V
6
13
μA
supply current
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TS5A22366


Podobny numer części - TS5A22366_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
More results

Podobny opis - TS5A22366_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com