Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5223 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TS3A5223
Szczegółowy opis  0.45廓 Dual SPDT Bidirectional Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5223 Arkusz danych(HTML) 1 Page - Texas Instruments

  TS3A5223_14 Datasheet HTML 1Page - Texas Instruments TS3A5223_14 Datasheet HTML 2Page - Texas Instruments TS3A5223_14 Datasheet HTML 3Page - Texas Instruments TS3A5223_14 Datasheet HTML 4Page - Texas Instruments TS3A5223_14 Datasheet HTML 5Page - Texas Instruments TS3A5223_14 Datasheet HTML 6Page - Texas Instruments TS3A5223_14 Datasheet HTML 7Page - Texas Instruments TS3A5223_14 Datasheet HTML 8Page - Texas Instruments TS3A5223_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NC1
NC2
NO1
NO2
SEL1
SEL2
COM1
COM2
Level
Shifter
Level
Shifter
TS3A5223
NO2
8
9
10
SEL2
COM2
COM1
5
4
3
NC1
SEL1
TS3A5223
www.ti.com
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
0.45
Ω Dual SPDT Bidirectional Analog Switch
Check for Samples: TS3A5223
1
FEATURES
DESCRIPTION
The TS3A5223 is a high-speed dual analog switch
Low ON Resistance Switches
with
break-before-make
and
bi-directional
signal
0.45
Ω (Typical) at 3.6V
switching capability. The TS3A5223 can be used as a
0.85
Ω(Typical) at 1.8V
dual 2:1 multiplexer or a 1:2 dual de-multiplexer.
Wide Supply Range: 1.65 V to 3.6 V
The TS3A5223 offers very low ON resistance, very
1.0 V Compatible Logic Interface
low THD, channel-to-channel crosstalk and very high
OFF isolation. These features make TS3A5223
High Switch Bandwidth 80 MHz
suitable for application in Audio signal routing and
0.01% THD Across Entire Band
switching applications.
Specified min Break-before-make
The TS3A5223 control logic supports 1.0V-3.6V
Bi-directional Switching
CMOS logic levels. The logic interface allows direct
–75 dB Channel-to-Channel Cross Talk
interface
with
a
wide
range
of
CPUs
and
microcontrollers without increasint the current drawn
–70 dB Channel-to-Channel OFF Isolation of
from
supply
(ICC)
and
thus
lowering
power
Very Low Power Dissipation and Leakage
consumption.
Currents
Very Small QFN-10 Package: 1.8mm × 1.4mm
Table 1. TS3A5223 Function Table
ESD Protection on all Pins
SEL1
SEL2
COM1
COM2
2kV HBM, 500 V CDM
0
0
NC1
NC2
1
1
NO1
NO2
APPLICATIONS
1
0
NO1
NC2
0
1
NC1
NO2
Portable Electronics
Smarphones, Tablets
Home Electronics
Wireline Communication
TS3A5223 FUNCTIONAL DIAGRAM
TS3A5223 RSW (Top View)
Figure 1. Functional Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TS3A5223_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

Podobny opis - TS3A5223_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com