Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5223RSWR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A5223RSWR
Szczegółowy opis  0.45廓 Dual SPDT Bidirectional Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5223RSWR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS3A5223RSWR Datasheet HTML 2Page - Texas Instruments TS3A5223RSWR Datasheet HTML 3Page - Texas Instruments TS3A5223RSWR Datasheet HTML 4Page - Texas Instruments TS3A5223RSWR Datasheet HTML 5Page - Texas Instruments TS3A5223RSWR Datasheet HTML 6Page - Texas Instruments TS3A5223RSWR Datasheet HTML 7Page - Texas Instruments TS3A5223RSWR Datasheet HTML 8Page - Texas Instruments TS3A5223RSWR Datasheet HTML 9Page - Texas Instruments TS3A5223RSWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TEST
RL
CL
VCOM
t ON
50
35 pF
V+
t OFF
50
35 pF
V+
IN
Logic
Intput
(VI)
Switch
Output
(VNO)
t ON
t OFF
90%
90%
VNO
NO
VI
VCOM
COM
GND
CL
RL
Logic
Input
V+
V+
50%
50%
0V
+
IN
+
VNO
NO
VI
VCOM
ICOM
COM
GND
Ron
VCOM
VNO
ICOM
Channel ON
-
VIN
VIH or VIL
V+
TS3A5223
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 8. ON-State Resistance (RON)
Figure 9. Turn-On (tON) and Turn-Off Time (tOFF)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A5223


Podobny numer części - TS3A5223RSWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5223RSWR TI-TS3A5223RSWR Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
More results

Podobny opis - TS3A5223RSWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com