Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES07B Arkusz danych(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Numer części ES07B
Szczegółowy opis  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Strona internetowa  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ES07B Arkusz danych(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ES07B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Glass passivated device
Ideal for surface mouted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
250℃/10 seconds at terminals
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.01 gram
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
ED
VRRM
V
VRMS
V
VDC
V
RJθA
K/W
trr
ns
Tj
TSTG
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
3.Measured with IF=0.5A, IR=1A, Irr=0.25A.
UNITS
EB
70
140
100
200
- 55 --- + 150
100
200
A
I(AV)
A
1.0
30
ES07B
ES07D
REVERSE VOLTAGE: 100 - 200 V
CURRENT: 1.0 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Typical thermal resistance
(NOTE 2)
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
- 55 --- + 150
Maximum reverse recovery time (NOTE 3)
25
Device marking code
Dimensions in millimeters
ES07B-ES07D
Surface Mount Rectifiers
Features
Mechanical Data


Podobny numer części - ES07B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
   Small Surface Mount Ultrafast Rectifiers
logo
Galaxy Semi-Conductor H...
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07B VISHAY-ES07B Datasheet
137Kb / 6P
   Small Surface Mount Ultrafast Diodes
Rev. 1.7, 13-Apr-05
ES07B VISHAY-ES07B Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.9, 20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07B TAYCHIPST-ES07B Datasheet
1Mb / 2P
   Small Surface Mount Ultrafast Diodes
More results

Podobny opis - ES07B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com