Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC1543QDWRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC1543QDWRG4
Szczegółowy opis   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDWRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TLC1543QDWRG4 Datasheet HTML 2Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 3Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 4Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 5Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 6Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 7Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 8Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 9Page - Texas Instruments TLC1543QDWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
Vref+ − Vref−
2
CONVERTER AND ANALOG INPUT
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
Table 2. ANALOG-CHANNEL-SELECT ADDRESS
VALUE SHIFTED INTO ADDRESS
INPUT
ANALOG INPUT SELECTED
BINARY
HEX
A0
0000
0
A1
0001
1
A2
0010
2
A3
0011
3
A4
0100
4
A5
0101
5
A6
0110
6
A7
0111
7
A8
1000
8
A9
1001
9
A10
1010
A
Table 3. TEST-MODE-SELECT ADDRESS
VALUE SHIFTED INTO
INTERNAL SELF-TEST
ADDRESS INPUT
OUTPUT RESULT (HEX)(2)
VOLTAGE SELECTED(1)
BINARY
HEX
1011
B
200
Vref-
1100
C
000
Vref+
1101
D
3FF
(1)
Vref+ is the voltage applied to the REF+ input, and Vref- is the voltage applied to the REF- input.
(2)
The output results shown are the ideal values and vary with the reference stability and with internal
offsets.
The CMOS threshold detector in the successive-approximation conversion system determines each bit by
examining the charge on a series of binary-weighted capacitors (see Figure 1). In the first phase of the
conversion process, the analog input is sampled by closing the SC switch and all ST switches simultaneously.
This action charges all the capacitors to the input voltage.
In the next phase of the conversion process, all ST and SC switches are opened and the threshold detector
begins identifying bits by identifying the charge (voltage) on each capacitor relative to the reference (REF-)
voltage. In the switching sequence, ten capacitors are examined separately until all ten bits are identified and
then the charge-convert sequence is repeated. In the first step of the conversion phase, the threshold detector
looks at the first capacitor (weight = 512). Node 512 of this capacitor is switched to the REF+ voltage, and the
equivalent nodes of all the other capacitors on the ladder are switched to REF-. If the voltage at the summing
node is greater than the trip point of the threshold detector (approximately one-half VCC), a 0 bit is placed in the
output register and the 512-weight capacitor is switched to REF-. If the voltage at the summing node is less than
the trip point of the threshold detector, a 1 bit is placed in the register and the 512-weight capacitor remains
connected to REF+ through the remainder of the successive-approximation process. The process is repeated for
the 256-weight capacitor, the 128-weight capacitor, and so forth down the line until all bits are counted.
With each step of the successive-approximation process, the initial charge is redistributed among the capacitors.
The conversion process relies on charge redistribution to count and weigh the bits from MSB to LSB.
6
Submit Documentation Feedback


Podobny numer części - TLC1543QDWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Podobny opis - TLC1543QDWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com