Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4066B-Q1 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4066B-Q1
Szczegółowy opis  CMOS QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066B-Q1 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CD4066B-Q1 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1 Datasheet HTML 9Page - Texas Instruments CD4066B-Q1 Datasheet HTML 10Page - Texas Instruments CD4066B-Q1 Datasheet HTML 11Page - Texas Instruments CD4066B-Q1 Datasheet HTML 12Page - Texas Instruments CD4066B-Q1 Datasheet HTML 13Page - Texas Instruments CD4066B-Q1 Datasheet HTML 14Page - Texas Instruments CD4066B-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
APPLICATION INFORMATION
In applications that employ separate power sources to drive VDD and the signal inputs, the VDD current capability
should exceed VDD/RL (RL = effective external load of the four CD4066B-Q1 bilateral switches). This provision
avoids any permanent current flow or clamp action on the VDD supply when power is applied or removed from the
CD4066B-Q1.
In certain applications, the external load-resistor current can include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into terminals 1, 4, 8, or 11, the voltage drop across the
bidirectional switch must not exceed 0.8 V (calculated from ron values shown).
No VDD current will flow through RL if the switch current flows into terminals 2, 3, 9, or 10.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :CD4066B-Q1


Podobny numer części - CD4066B-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
285Kb / 15P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Podobny opis - CD4066B-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com