Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4066BM Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4066BM
Szczegółowy opis  CMOS QUAD BILATERAL SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BM Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD4066BM Datasheet HTML 2Page - Texas Instruments CD4066BM Datasheet HTML 3Page - Texas Instruments CD4066BM Datasheet HTML 4Page - Texas Instruments CD4066BM Datasheet HTML 5Page - Texas Instruments CD4066BM Datasheet HTML 6Page - Texas Instruments CD4066BM Datasheet HTML 7Page - Texas Instruments CD4066BM Datasheet HTML 8Page - Texas Instruments CD4066BM Datasheet HTML 9Page - Texas Instruments CD4066BM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Vis − Input Signal Voltage − V
600
500
400
300
200
100
0
−4
−3
−2
−1
0
1
2
3
4
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
92CS-27326RI
Figure 2
TA = 125°C
+25
°C
−55
°C
Supply Voltage (VDD − VSS) = 5 V
Figure 3
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
300
250
200
150
100
50
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 10 V
TA = 125°C
Vis − Input Signal Voltage − V
+25
°C
−55
°C
92CS-27327RI
Vis − Input Signal Voltage − V
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
Figure 4
300
250
200
150
100
50
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 15 V
TA = 125°C
+25
°C
−55
°C
92CS-27329RI
Vis − Input Signal Voltage − V
Figure 5
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
600
500
400
300
200
100
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 5 V
TA = 125°C
10 V
−15 V
92CS-27330RI


Podobny numer części - CD4066BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4066BM NSC-CD4066BM Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
Texas Instruments
CD4066BM TI-CD4066BM Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM TI1-CD4066BM Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Podobny opis - CD4066BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com