Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0820CCWM Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADC0820CCWM
Szczegółowy opis   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0820CCWM Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC0820CCWM Datasheet HTML 1Page - Texas Instruments ADC0820CCWM Datasheet HTML 2Page - Texas Instruments ADC0820CCWM Datasheet HTML 3Page - Texas Instruments ADC0820CCWM Datasheet HTML 4Page - Texas Instruments ADC0820CCWM Datasheet HTML 5Page - Texas Instruments ADC0820CCWM Datasheet HTML 6Page - Texas Instruments ADC0820CCWM Datasheet HTML 7Page - Texas Instruments ADC0820CCWM Datasheet HTML 8Page - Texas Instruments ADC0820CCWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADC0820-N
www.ti.com
SNAS529C – JUNE 1999 – REVISED MARCH 2013
AC Electrical Characteristics
The following specifications apply for VCC = 5V, tr = tf = 20 ns, VREF(+) = 5V, VREF(−) = 0V and TA = 25°C unless otherwise
specified.
Tested
Design
Parameter
Conditions
Typ(1)
Units
Limit(2)
Limit(3)
tCRD, Conversion Time for RD Mode
Pin 7 = 0 (Figure 4)
1.6
2.5
µs
tACC0, Access Time (Delay from Falling
Pin 7 = 0 (Figure 4)
tCRD + 20
tCRD + 50
ns
Edge of RD to Output Valid)
tCWR-RD, Conversion Time for WR-RD
Pin 7 = VCC; tWR = 600 ns, tRD=600 ns
1.52
µs
Mode
(Figure 5 & Figure 6)
Min
Pin 7 = VCC (Figure 5 & Figure 6)
600
ns
tWR, Write Time
Max
Figure 11(4)
50
µs
Pin 7 = VCC (Figure 5 & Figure 6 &
tRD, Read Time
Min
600
ns
Figure 12)(4)
Pin 7 = VCC, tRD < tI, CL = 15pF (Figure 5)
190
280
ns
tACC1, Access Time (Delay from Falling
Edge of RD to Output Valid)
CL = 100 pF
210
320
ns
Pin 7 = VCC, tRD > tI, CL = 15pF (Figure 6)
70
120
ns
tACC2, Access Time (Delay from Falling
Edge of RD to Output Valid)
CL=100 pF
90
150
ns
tACC3, Access Time (Delay from Rising
RPULLUP = 1k and CL = 15 pF
30
ns
Edge of RDY to Output Valid)
Pin 7 = VCC, CL = 50pF (Figure 6 &
tI, Internal Comparison Time
800
1300
ns
Figure 7)
t1H, t0H, TRI-STATE Control (Delay from
RL = 1k, CL = 10 pF
100
200
ns
Rising Edge of RD to Hi-Z State)
Pin 7 = VCC, CL = 50 pF tRD > tI (Figure 6)
tI
ns
tINTL, Delay from Rising Edge of WR to
Falling Edge of INT
tRD < tI (Figure 5)
tRD+200
tRD+290
ns
tINTH, Delay from Rising Edge of RD to
CL = 50pF (Figure 4 & Figure 5 & Figure 6)
125
225
ns
Rising Edge of INT
tINTHWR, Delay from Rising Edge of WR to CL = 50pF (Figure 7)
175
270
ns
Rising Edge of INT
tRDY, Delay from CS to RDY
CL = 50 pF, Pin 7 = 0 (Figure 4)
50
100
ns
tID, Delay from INT to Output Valid
See Figure 7
20
50
ns
tRI, Delay from RD to INT
Pin 7 = VCC, tRD<tI Figure 5
200
290
ns
tP, Delay from End of Conversion to Next
(Figure 4 & Figure 5 & Figure 6 & Figure 7
500
ns
Conversion
& Figure 13)(4)
Slew Rate, Tracking
0.1
V/µs
CVIN, Analog Input Capacitance
45
pF
COUT, Logic Output Capacitance
5
pF
CIN, Logic Input Capacitance
5
pF
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Design limits are specified but not 100% tested. These limits are not used to calculate outgoing quality levels.
(4)
Accuracy may degrade if tWR or tRD is shorter than the minimum value specified. See Figure 11 and Figure 12 graphs.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC0820-N


Podobny numer części - ADC0820CCWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0820CCWM NSC-ADC0820CCWM Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results

Podobny opis - ADC0820CCWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com