Zakładka z wyszukiwarką danych komponentów |
|
ADS6129IRGZT Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
ADS6129IRGZT Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 71 page RECOMMENDED OPERATING CONDITIONS ADS6149/ADS6129 ADS6148/ADS6128 www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008 over operating free-air temperature range (unless otherwise noted) MIN TYP MAX UNIT SUPPLIES AVDD Analog supply voltage 3 3.3 3.6 V DRVDD Digital supply voltage 1.7 1.8 1.9 V ANALOG INPUTS Differential input voltage range 2 Vpp Input common-mode voltage 1.5 ±0.1 V Voltage applied on CM in external reference mode 1.5 ± 0.05 V Maximum analog input frequency with 2 VPP input amplitude (1) 500 MHz Maximum analog input frequency with 1 VPP input amplitude (1) 800 MHz CLOCK INPUT ADS6149 / ADS6129 1 250 Input clock sample rate MSPS ADS6148 / ADS6128 1 210 Sine wave, ac-coupled 0.3 1.5 LVPECL, ac-coupled 1.6 Vpp Input Clock amplitude differential (VCLKP–VCLKM) LVDS, ac-coupled 0.7 LVCMOS, single-ended, ac-coupled 3.3 V Input clock duty cycle 40% 50% 60% DIGITAL OUTPUTS CL Maximum external load capacitance from each output pin to DRGND 5 pF RL Differential load resistance between the LVDS output pairs (LVDS mode) 100 Ω TA Operating free-air temperature –40 85 °C (1) See the Theory of Operation in the application section. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128 |
Podobny numer części - ADS6129IRGZT |
|
Podobny opis - ADS6129IRGZT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |