Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2903AVQDRQ1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2903AVQDRQ1
Szczegółowy opis  LM2903-Q1 Dual Differential Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903AVQDRQ1 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM2903AVQDRQ1 Datasheet HTML 1Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 2Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 3Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 4Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 5Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 6Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 7Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 8Page - Texas Instruments LM2903AVQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM2903-Q1
SLCS141E – MAY 2003 – REVISED JULY 2014
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC (non-V devices)
2
30
V
VCC (V devices)
2
32
V
TJ
Junction Temperature
-40
125
°C
7.4 Thermal Information
LM2903-Q1
THERMAL METRIC(1)
DGK
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
199.4
RθJCtop
Junction-to-case (top) thermal resistance
120.8
RθJB
Junction-to-board thermal resistance
90.2
°C/W
ψJT
Junction-to-top characterization parameter
21.5
ψJB
Junction-to-board characterization parameter
119.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
2
7
Non-A devices
VO = 1.4 V,
Full range
15
VIO
Input offset voltage
VIC = VIC(min),
mV
25°C
1
2
VCC = 5 V to MAX
(2)
A-suffix devices
Full range
4
25°C
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
200
25°C
−25
−250
IIB
Input bias current
VO = 1.4 V
nA
Full range
−500
25°C
0 to VCC−1.5
Common-mode input
VICR
V
voltage range(3)
Full range
0 to VCC−2
Large-signal
VCC = 15 V,
AVD
differential-voltage
VO = 1.4 V to 11.4 V,
25°C
25
100
V/mV
amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V
25°C
0.1
50
nA
High-level output
IOH
VID = 1 V
current
VOH = VCC MAX
(2)
Full range
1
µA
25°C
150
400
Low-level output
VOL
IOL = 4 mA,
VID = −1 V
mV
voltage
Full range
700
Low-level output
IOL
VOL = 1.5 V,
VID = −1 V
25°C
6
mA
current
VCC = 5 V
25°C
0.8
1
ICC
Supply current
RL = ∞
mA
VCC = MAX
(2)
Full range
2.5
(1)
Full range (MIN or MAX) for LM2903Q is
−40°C to 125°C. All characteristics are measured with zero common-mode input voltage,
unless otherwise specified.
(2)
VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
(3)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+
− 1.5 V for the inverting input (−), and the non-inverting input (+) can exceed the VCC level; the
comparator provides a proper output state. Either or both inputs can go to 30 V (32V for V-suffix devices) without damage.
4
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: LM2903-Q1


Podobny numer części - LM2903AVQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Differential Comparators
LM2903AVQDRQ1 TI1-LM2903AVQDRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

Podobny opis - LM2903AVQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2903QPWRG4Q1 TI1-LM2903QPWRG4Q1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903-Q1 TI-LM2903-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903-Q1 TI-LM2903-Q1_V06 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V05 Datasheet
3Mb / 44P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
REVISED AUGUST 2022
LM2903-Q1 TI-LM2903-Q1_V02 Datasheet
1Mb / 33P
[Old version datasheet]   LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com