Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12032 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADC12032
Szczegółowy opis  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12032 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC12032 Datasheet HTML 4Page - Texas Instruments ADC12032 Datasheet HTML 5Page - Texas Instruments ADC12032 Datasheet HTML 6Page - Texas Instruments ADC12032 Datasheet HTML 7Page - Texas Instruments ADC12032 Datasheet HTML 8Page - Texas Instruments ADC12032 Datasheet HTML 9Page - Texas Instruments ADC12032 Datasheet HTML 10Page - Texas Instruments ADC12032 Datasheet HTML 11Page - Texas Instruments ADC12032 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
SNAS080K – JULY 1999 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK = 5 MHz for
the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 25Ω, fully-
differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)(2)(3)
Units
Parameter
Test Conditions
Typical (4)
Limits (5)
(Limits)
On Channel = 5V and Off Channel = 0V
−0.01
−0.3
µA (min)
Off Channel Leakage CH0–CH7
and COM Pins (13)
On Channel = 0V and Off Channel = 5V
0.01
0.3
µA (max)
On Channel = 5V and Off Channel = 0V
0.01
0.3
µA (max)
On Channel Leakage CH0–CH7
and COM Pins (13)
On Channel = 0V and Off Channel = 5V
−0.01
−0.3
µA (min)
MUXOUT1 and MUXOUT2 Leakage
VMUXOUT = 5.0V or VMUXOUT = 0V
0.01
0.3
µA (max)
Current
RON
MUX On Resistance
VIN = 2.5V and VMUXOUT = 2.4V
850
1150
Ω (max)
RON Matching Chan-to-Chan
VIN = 2.5V and VMUXOUT = 2.4V
5
%
Chan-to-Chan Crosstalk
VIN = 5 VP-P, fIN = 40 kHz
−72
dB
MUX Bandwidth
90
kHz
(13) Channel leakage current is measured after the channel selection.
DC and Logic Electrical Characteristics
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK = 5 MHz for
the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 25Ω, fully-
differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1) (2) (3)
Units
Parameter
Test Conditions
Typical (4)
Limits (5)
(Limits)
CCLK, CS, CONV, DI, PD AND SCLK INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
V+ = 5.5V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
V+ = 4.5V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
0.005
1.0
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−1.0
µA (min)
DO, EOC AND DOR DIGITAL OUTPUT CHARACTERISTICS
V+ = 4.5V, IOUT = −360 µA
2.4
V (min)
VOUT(1)
Logical “1” Output Voltage
V+ = 4.5V, IOUT = − 10 µA
4.25
V (min)
(1)
Two on-chip diodes are tied to each analog input through a series resistor as shown below. Input voltage magnitude up to 5V above VA+
or 5V below GND will not damage this device. However, errors in the conversion can occur (if these diodes are forward biased by more
than 50 mV) if the input voltage magnitude of selected or unselected analog input go above VA+ or below GND by more than 50 mV. As
an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.55 VDC to ensure accurate conversions.
(2)
To ensure accuracy, it is required that the VA+ and VD+ be connected together to the same power supply with separate bypass
capacitors at each V+ pin.
(3)
With the test condition for VREF (VREF+ − VREF−) given as +4.096V, the 12-bit LSB is 1.0 mV and the 8-bit LSB is 16.0 mV.
(4)
Typical figures are at TJ = TA = 25°C and represent most likely parametric norm.
(5)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Podobny numer części - ADC12032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12032 NSC-ADC12032 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12032 NSC-ADC12032 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12032 TI1-ADC12032 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC12032CIWM NSC-ADC12032CIWM Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12032CIWM NSC-ADC12032CIWM Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Podobny opis - ADC12032

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com