Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P24IRGCT Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62P24IRGCT
Szczegółowy opis  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P24IRGCT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS62P24IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 11Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 12Page - Texas Instruments ADS62P24IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
www.ti.com
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
TIMING CHARACTERISTICS
– LVDS AND CMOS MODES
(1)
(continued)
Typical values are specified at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock,
1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.0 V to 3.6 V,
unless otherwise specified.
ADS62P25
ADS62P24
ADS62P23
ADS62P22
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
PARALLEL CMOS MODE, DRVDD = 2.5 V to 3.6 V, default output buffer drive strength (7)
Data valid(9) to 50%
Data setup
tsu
of CLKOUT rising
2.0
3.5
2.8
4.3
4.3
5.8
5.7
7.2
ns
time(8)
edge
50% of CLKOUT
Data hold
th
rising edge to data
2.0
3.5
2.7
4.2
4.2
5.7
5.6
7.1
ns
time(8)
becoming invalid(9)
Input clock rising
Clock
edge zero-cross to
tPDI
propagation
5.8
7.3
8.8
5.8
7.3
8.8
5.8
7.3
8.8
5.8
7.3
8.8
ns
50% of CLKOUT
delay
rising edge
Duty cycle of output
Output
clock (CLKOUT)
clock duty
45%
53%
60%
45%
53%
60%
45%
53%
60%
45%
53%
60%
10
≤ Fs ≤ 125
cycle
MSPS
Rise time measured
from 20% to 80% of
Data rise
DRVDD
tr
time
Fall time measured
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
ns
tf
Data fall
from 80% to 20% of
time
DRVDD
1
≤ Fs ≤ 125 MSPS
Rise time measured
Output
from 20% to 80% of
clock rise
DRVDD
tCLKRISE
time
Fall time measured
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
ns
tCLKFALL
Output
from 80% to 20% of
clock fall
DRVDD
time
1
≤ Fs ≤ 125 MSPS
PARALLEL CMOS INTERFACE, DRVDD = 1.8 V, maximum buffer drive strength (10)
Input clock
rising edge
tSTART
to data
8.5
7.5
5.5
3.6
ns
valid (11)
(12)
Width of
tDV
valid data
3.3
6.0
5.0
7.5
8.0
10.5
10.5
13.5
ns
window
(7)
For DRVDD
< 2.2 V, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT). See
Parallel CMOS interface in application section.
(8)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(9)
Data valid refers to logic high of 2 V (1.7 V) and logic low of 0.8 V (0.7 V) for DRVDD = 3.3 V (2.5 V).
(10) For DRVDD
< 2.2 V, output clock cannot be used for data capture. A delayed version of the input clock can be used, that gives the
desired setup and hold times at the receiving chip.
(11) Data valid refers to logic high of 1.26V and logic low of 0.54V for DRVDD = 1.8V.
(12) Measured from zero-crossing of input clock having 50% duty cycle.
Copyright
© 2007–2011, Texas Instruments Incorporated
9


Podobny numer części - ADS62P24IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P24IRGCT TI-ADS62P24IRGCT Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS62P24IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com