Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7886SBDCKT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7886SBDCKT
Szczegółowy opis  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7886SBDCKT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7886SBDCKT Datasheet HTML 7Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 8Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 9Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 10Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 11Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 12Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 13Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 14Page - Texas Instruments ADS7886SBDCKT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
0
1024
2048
3072
4096
OutputCode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
V
=2.35V,
T
DD
A =25 C
o
f
=1MSPS,
s
0
1024
2048
3072
4096
OutputCode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
V
=2.35V,
T
DD
f
=1MSPS,
=25 C
s
A
o
−140
−160
−120
−100
−80
−60
−40
−20
0
0
100000
200000
300000
400000
500000
f − Frequency − Hz
V
=2.35V,
T
DD
f
=1MSPS,
=25 C,
f =100kHz,
8192Points
s
I
A
o
ADS7886
www.ti.com
SLAS492A – SEPTEMBER 2005 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
DNL
Figure 25.
INL
Figure 26.
FFT
Figure 27.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7886


Podobny numer części - ADS7886SBDCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7886SBDCKT TI-ADS7886SBDCKT Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS7886SBDCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com