Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7886SDBVT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7886SDBVT
Szczegółowy opis  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7886SDBVT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7886SDBVT Datasheet HTML 1Page - Texas Instruments ADS7886SDBVT Datasheet HTML 2Page - Texas Instruments ADS7886SDBVT Datasheet HTML 3Page - Texas Instruments ADS7886SDBVT Datasheet HTML 4Page - Texas Instruments ADS7886SDBVT Datasheet HTML 5Page - Texas Instruments ADS7886SDBVT Datasheet HTML 6Page - Texas Instruments ADS7886SDBVT Datasheet HTML 7Page - Texas Instruments ADS7886SDBVT Datasheet HTML 8Page - Texas Instruments ADS7886SDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS7886
SLAS492A – SEPTEMBER 2005 – REVISED NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
+VDD = 2.35 V to 5.25 V, TA = –40°C to 125°C, f(sample) = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.35 V to 3.6 V, fI = 100 kHz
69
71.25
SINAD
Signal-to-noise and distortion
dB
VDD = 4.75 V to 5.25 V, fI = 100 kHz
70
72.25
THD
Total harmonic distortion(5)
fI = 100 kHz
–84
dB
SFDR
Spurious free dynamic range
fI = 100 kHz
85.5
dB
Full power bandwidth
At –3 dB
15
MHz
DIGITAL INPUT/OUTPUT
Logic family — CMOS
VDD = 2.35 V to 3.6 V
1.8
5.25
VIH
High-level input voltage
V
VDD = 3.6 V to 5.25 V
2.4
5.25
VDD = 5 V
0.8
VIL
Low-level input voltage
V
VDD = 3 V
0.4
VOH
High-level output voltage
I(source) = 200 µA
VDD–0.2
V
VOL
Low-level output voltage
I(sink) = 200 µA
0.4
POWER SUPPLY REQUIREMENTS
+VDD
Supply voltage
2.35
3.3
5.25
V
VDD = 2.35 V to 3.6 V, 1-MHz
1.3
1.5
throughput
VDD = 4.75 V to 5.25 V, 1-MHz
1.5
2
Supply current (normal mode)
mA
throughput
VDD = 2.35 V to 3.6 V, static state
1.1
VDD = 4.75 V to 5.25 V, static state
1.5
SCLK off
1
Power down state supply current
µA
SCLK on (20 MHz)
200
VDD = 3 V
3.9
4.5
Power dissipation at 1-MHz throughput
mW
VDD = 5 V
7.5
10
VDD = 3 V
3.3
Power dissipation in static state
mW
VDD = 5 V
7.5
Power up time
0.1
µs
Invalid conversions after
1
power up or reset
(5)
Calculated on the first nine harmonics of the input frequency.
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS7886


Podobny numer części - ADS7886SDBVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7886SDBVT TI-ADS7886SDBVT Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Podobny opis - ADS7886SDBVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com