Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8284IBRGCT Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8284IBRGCT
Szczegółowy opis  ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8284IBRGCT Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8284IBRGCT Datasheet HTML 6Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 7Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 8Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 9Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 10Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 11Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 12Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 13Page - Texas Instruments ADS8284IBRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Not Recommended for New Designs
ADS8284
SLAS628A – MARCH 2009 – REVISED APRIL 2014
www.ti.com
6.6 Timing Requirements, 5 V
All specifications typical at –40°C to 85°C, +VA = +VBD = 5 V
(1) (2) (3)
PARAMETER
MIN
TYP
MAX
UNIT
t(CONV)
Conversion time
650
ns
t(ACQ)
Acquisition time
320
ns
t(HOLD)
Sample capacitor hold time
25
ns
tpd1
CONVST low to BUSY high
40
ns
tpd2
Propagation delay time, end of conversion to BUSY low
15
ns
tpd3
Propagation delay time, start of convert state to rising edge of BUSY
15
ns
tw1
Pulse duration, CONVST low
40
ns
tsu1
Setup time, CS low to CONVST low
20
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
t(ACQ)min
ns
tw4
Pulse duration, BUSY signal high
650
ns
th1
Hold time, first data bus transition (RD low, or CS low for read cycle, or BYTE or
40
ns
BUS18/16 input changes) after CONVST low
td1
Delay time, CS low to RD low
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
20
ns
td2
Delay time, data hold from RD high
5
ns
td3
Delay time, BUS18/16 or BYTE rising edge or falling edge to data valid
10
20
ns
tw6
Pulse duration, RD high
20
ns
tw7
Pulse duration, CS high
20
ns
th2
Hold time, last RD (or CS for read cycle ) rising edge to CONVST falling edge
50
ns
tpd4
Propagation delay time, BUSY falling edge to next RD (or CS for read cycle) falling
0
ns
edge
td4
Delay time, BYTE edge to BUS18/16 edge skew
0
ns
tsu3
Setup time, BYTE or BUS18/16 transition to RD falling edge
10
ns
th3
Hold time, BYTE or BUS18/16 transition to RD falling edge
10
ns
tdis
Disable time, RD high (CS high for read cycle) to 3-stated data bus
20
ns
td5
Delay time, BUSY low to MSB data valid delay
0
ns
td6
Delay time, CS rising edge to BUSY falling edge
50
ns
td7
Delay time, BUSY falling edge to CS rising edge
50
ns
tsu5
BYTE transition setup time, from BYTE transition to next BYTE transition, or BUS18/16
50
ns
transition setup time, from BUS18/16 to next BUS18/16.
tsu(ABORT) Setup time from the falling edge of CONVST (used to start the valid conversion) to the
next falling edge of CONVST (when CS = 0 and CONVST are used to abort) or to the
60
550
ns
next falling edge of CS (when CS is used to abort).
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
(3)
All timing are measured with 20 pF equivalent loads on all data bits and BUSY pins.
10
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: ADS8284


Podobny numer części - ADS8284IBRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284IBRGCT TI-ADS8284IBRGCT Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Podobny opis - ADS8284IBRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com