Zakładka z wyszukiwarką danych komponentów |
|
ADS8328 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
ADS8328 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 51 page ADS8327 ADS8328 www.ti.com SLAS415E – APRIL 2006 – REVISED JANUARY 2011 SPECIFICATIONS (continued) TA = –40°C to 85°C, +VA = 4.5 V to 5.5 V, +VBD = 1.65 V to 5.5 V, VREF = 4.096 V, and fSAMPLE = 500 kHz, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DYNAMIC CHARACTERISTICS VIN = 4.096 VPP at 10 kHz -96 THD Total harmonic distortion (4) VIN = 4.096 VPP at 100 kHz, ADS8327/28IB –95.7 dB VIN = 4.096 VPP at 100 kHz, ADS8327/28I –95.7 VIN = 4.096 VPP at 10 kHz 91 SNR Signal-to-noise ratio dB VIN = 4.096 VPP at 100 kHz 89 VIN = 4.096 VPP at 10 kHz 91 SINAD Signal-to-noise + distortion dB VIN = 4.096 VPP at 100 kHz 88 VIN = 4.096 VPP at 10 kHz 100 SFDR Spurious-free dynamic range VIN = 4.096 VPP at 100 kHz, ADS8327/28IB 98.8 dB VIN = 4.096 VPP at 100 kHz, ADS8327/28I 98.8 –3dB Small-signal bandwidth 30 MHz CLOCK Internal conversion clock frequency 10.9 12 12.6 MHz Used as I/O clock only 50 SCLK External serial clock MHz As I/O clock and conversion clock 1 21 EXTERNAL VOLTAGE REFERENCE INPUT VREF (REF+ – REF–) 5.5 V ≥ +VA ≥ 4.5 V 0.3 4.096 4.2 Input reference VREF V range (REF –) – AGND –0.1 0.1 Resistance (5) Reference input 80 k Ω DIGITAL INPUT/OUTPUT Logic family —CMOS VIH High-level input voltage 5.5 V ≥ +VBD ≥ 4.5 V 0.65 × (+VBD) +VBD + 0.3 V VIL Low-level input voltage 5.5 V ≥ +VBD ≥ 4.5 V –0.3 0.35 × (+VBD) V II Input current VI = +VBD or BDGND -50 50 nA CI Input capacitance 5 pF 5.5 V ≥ +VBD ≥ 4.5 V, VOH High-level output voltage +VBD – 0.6 +VBD V IO = 100 mA 5.5 V ≥ +VBD ≥ 4.5 V, VOL Low-level output voltage 0 0.4 V IO = 100 mA CO Output capacitance 5 pF CL Load capacitance 30 pF Data format —straight binary POWER-SUPPLY REQUIREMENTS +VBD 1.65 3.3 5.5 V Power supply voltage +VA 4.5 5 5.5 V 500-kHz Sample rate 5 6.2 mA Supply current NAP/Auto-NAP mode 0.3 0.5 Deep power-down mode 6 50 nA Buffer I/O supply current 500 kSPS 1 mA +VA = 5 V, +VBD = 5 V 30 38.5 Power dissipation mW +VA = 5 V, +VBD = 1.8 V 25.4 32 TEMPERATURE RANGE TA Operating free-air temperature –40 +85 °C (4) Calculated on the first nine harmonics of the input frequency. (5) Can vary ±30% © 2006–2011, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): ADS8327 ADS8328 |
Podobny numer części - ADS8328 |
|
Podobny opis - ADS8328 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |