Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8318IDGST Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8318IDGST
Szczegółowy opis  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IDGST Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS8318IDGST Datasheet HTML 7Page - Texas Instruments ADS8318IDGST Datasheet HTML 8Page - Texas Instruments ADS8318IDGST Datasheet HTML 9Page - Texas Instruments ADS8318IDGST Datasheet HTML 10Page - Texas Instruments ADS8318IDGST Datasheet HTML 11Page - Texas Instruments ADS8318IDGST Datasheet HTML 12Page - Texas Instruments ADS8318IDGST Datasheet HTML 13Page - Texas Instruments ADS8318IDGST Datasheet HTML 14Page - Texas Instruments ADS8318IDGST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
110
111
112
113
114
115
116
117
0
100
200
300
400
500
SourceResistance- W
0pF
100pF
680pF
+VA =5V,
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30°C
ref
s
A
SINAD@-10dB
SINAD@-0.5dB
85
87
89
91
93
95
97
99
1
10
100
f -Inputfrequency-kHz
i
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30°C
ref
s
A
0
216040
46104
0
0
50000
100000
150000
200000
250000
32757
32758
32759
32760
Codes
+VA =5V,
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30°C
ref
s
A
3.3
3.35
3.4
3.45
3.5
3.55
3.6
3.65
3.7
3.75
3.8
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30°C
ref
s
A
3
3.2
3.4
3.6
3.8
4
4.2
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50 100 150 200 250 300 350 400 450 500
f -SamplingFrequency-KSPS
s
+VA =5V,
+VBD=2.7V,
V
=5V,
T =30°C
ref
A
0
50
100
150
200
250
300
350
400
450
500
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =0.0KSPS,
T =30°C
ref
s
A
0
2
4
6
8
10
12
14
16
18
20
0
50 100 150 200 250 300 350 400 450 500
f -SamplingFrequency-KSPS
s
+VA =5V,
+VBD=2.7V,
V
=5V,
T =30°C
ref
A
0
50
100
150
200
250
300
350
400
450
500
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=2.7V,
V
=5V,
f =0.0KSPS
ref
s
ADS8318
www.ti.com
SLAS568A
– MAY 2008 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE + DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
DC HISTORAM OF ADC CLOSE TO
INPUT FREQUENCY
CENTER CODE
SOURCE RESISTANCE
Figure 33.
Figure 34.
Figure 35.
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
SAMPLING FREQUENCY
Figure 36.
Figure 37.
Figure 38.
POWER DISSIPATION
POWERDOWN CURRENT
POWERDOWN CURRENT
vs
vs
vs
SAMPLING FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 39.
Figure 40.
Figure 41.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8318


Podobny numer części - ADS8318IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8318IDGST TI-ADS8318IDGST Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8318IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com