Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7950SDBTG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS7950SDBTG4
Szczegółowy opis  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7950SDBTG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7950SDBTG4 Datasheet HTML 1Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 2Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 3Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 4Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 5Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 6Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 7Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 8Page - Texas Instruments ADS7950SDBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
SLAS605A – JUNE 2008 – REVISED JANUARY 2010
www.ti.com
ORDERING INFORMATION - 8-BIT
MAXIMUM
MAXIMUM
NO MISSING
TRANSPORT
PACKAGE
INTEGRAL
DIFFERENTIAL
CODES AT
NUMBER OF
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
RESOLUTION
CHANNELS
DESIGNATOR
RANGE
INFORMATION
TYPE
QTY
(LSB)
(LSB)
(BIT)
ADS7961SDBT
Tube, 50
38 pin TSSOP
DBT
ADS7961SDBTR
Reel, 2000
ADS7961 S
16
ADS7961SRHBT
Tube, 250
32 pin QFN
RHB
ADS7961SRHBR
Reel, 3000
ADS7960SDBT
Tube, 50
38 pin TSSOP
DBT
ADS7960SDBTR
Reel, 2000
ADS7960 S
12
ADS7960SRHBT
Tube, 250
32 pin QFN
RHB
ADS7960SRHBR
Reel, 3000
±0.3
±0.3
8
–40°C to 125°C
ADS7959SDBT
Tube, 50
30 pin TSSOP
DBT
ADS7959SDBTR
Reel, 2000
ADS7959 S
8
ADS7959SRGET
Tube, 250
24 pin QFN
RGE
ADS7959SRGER
Reel, 3000
ADS7958SDBT
Tube, 50
30 pin TSSOP
DBT
ADS7958SDBTR
Reel, 2000
ADS7958 S
4
ADS7958SRGET
Tube, 250
24 pin QFN
RGE
ADS7958SRGER
Reel, 3000
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
AINP or CHn to AGND
–0.3 to +VA +0.3
V
+VA to AGND, +VBD to BDGND
–0.3 to +7.0
V
Digital input voltage to BDGND
–0.3 to (7.0)
V
Digital output to BDGND
–0.3 to (+VA + 0.3)
V
Operating temperature range
–40 to 125
°C
Storage temperature range
–65 to 150
°C
Junction temperature (TJ Max)
150
°C
Power dissipation
(TJ Max–TA)/qJA
qJA thermal impedance, DBT Package
100.6
°C/W
qJA thermal impedance, RHB Package
34
°C/W
qJA thermal impedance, RGE Package
38
°C/W
DBT packaged versions of ADS79XX family devices are rated for MSL2 260°C per
the JSTD-020 specifications and the RGE and RHB packaged versions of ADS79XX
family devices are rated for MSL3 260C per JSTD-020 specifications
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Podobny numer części - ADS7950SDBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7950SDBTG4 TI-ADS7950SDBTG4 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTG4 TI1-ADS7950SDBTG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SDBTG4 TI1-ADS7950SDBTG4 Datasheet
2Mb / 70P
[Old version datasheet]   Single-Ended, MicroPower, Serial Interface ADCs
More results

Podobny opis - ADS7950SDBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com