Zakładka z wyszukiwarką danych komponentów |
|
ADS8328IBRSAT Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
ADS8328IBRSAT Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 51 page ADS8327 ADS8328 www.ti.com SLAS415E – APRIL 2006 – REVISED JANUARY 2011 TIMING CHARACTERISTICS All specifications typical at –40°C to 85°C, +VA = +VBD = 5 V (1) (2) PARAMETER MIN TYP MAX UNIT External, 0.5 10.5 fCCLK = 1/2 fSCLK fCCLK Frequency, conversion clock, CCLK MHz Internal fCCLK = 1/2 fSCLK 10.9 12 12.6 tsu(CSF-EOC) Setup time, falling edge of CS to EOC 1 CCLK th(CSF-EOC) Hold time, falling edge of CS to EOC 0 ns twL(CONVST) Pulse duration, CONVST low 40 ns tsu(CSF-EOS) Setup time, falling edge of CS to EOS 20 ns th(CSF-EOS) Hold time, falling edge of CS to EOS 20 ns tsu(CSR-EOS) Setup time, rising edge of CS to EOS 20 ns th(CSR-EOS) Hold time, rising edge of CS to EOS 20 ns Setup time, falling edge of CS to first falling tsu(CSF-SCLK1F) 5 ns SCLK twL(SCLK) Pulse duration, SCLK low 8 tc(SCLK) – 8 ns twH(SCLK) Pulse duration, SCLK high 8 tc(SCLK) – 8 ns I/O Clock only 20 I/O and conversion clock 47.6 2000 tc(SCLK) Cycle time, SCLK ns I/O Clock, chain mode 20 I/O and conversion clock, 47.6 2000 chain mode Delay time, falling edge of SCLK to SDO td(SCLKF-SDOINVALID) 10-pF Load 2 ns invalid Delay time, falling edge of SCLK to SDO td(SCLKF-SDOVALID) 10-pF Load 10 ns valid Delay time, falling edge of CS to SDO td(CSF-SDOVALID) 10-pF Load 8.5 ns valid, SDO MSB output tsu(SDI-SCLKF) Setup time, SDI to falling edge of SCLK 8 ns th(SDI-SCLKF) Hold time, SDI to falling edge of SCLK 4 ns Delay time, rising edge of CS/FS to SDO td(CSR-SDOZ) 5 ns 3-state Setup time, 16th falling edge of SCLK tsu(16th SCLKF-CSR) 10 ns before rising edge of CS/FS Delay time, CDI high to SDO high in td(SDO-CDI) 10-pF Load, chain mode 16 ns daisy-chain mode (1) All input signals are specified with tr = tf = 1.5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See timing diagrams. © 2006–2011, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): ADS8327 ADS8328 |
Podobny numer części - ADS8328IBRSAT |
|
Podobny opis - ADS8328IBRSAT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |