Zakładka z wyszukiwarką danych komponentów |
|
ADS8328IBRSATG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
ADS8328IBRSATG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 51 page ADS8327 ADS8328 SLAS415E – APRIL 2006 – REVISED JANUARY 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) MAXIMUM MAXIMUM MAXIMUM TRANSPORT INTEGRAL DIFFERENTIAL OFFSET PACKAGE PACKAGE TEMPERATURE ORDERING MODEL MEDIA LINEARITY LINEARITY ERROR TYPE DESIGNATOR RANGE INFORMATION QUANTITY (LSB) (LSB) (mV) ADS8327IPW Tube 90 TSSOP-16 PW Tape and reel ADS8327IPWR 2000 ADS8327I ±3 –1/+2 ±1.25 –40°C to +85°C Small tape and ADS8327IRSAT reel 250 4 ×4 QFN-16 RSA Tape and reel ADS8327IRSAR 3000 ADS8327IBPW Tube 90 TSSOP-16 PW Tape and reel ADS8327IBPWR 2000 ADS8327IB ±2 ±1 ±1 –40°C to +85°C Small tape and ADS8327IBRSAT reel 250 4 ×4 QFN-16 RSA Tape and reel ADS8327IBRSAR 3000 ADS8328IPW Tube 90 TSSOP-16 PW Tape and reel ADS8328IPWR 2000 ADS8328I ±3 –1/+2 ±1.25 –40°C to +85°C Small tape and ADS8328IRSAT reel 250 4 ×4 QFN-16 RSA Tape and reel ADS8328IRSAR 3000 ADS8328IBPW Tube 90 TSSOP-16 PW Tape and reel ADS8328IBPWR 2000 ADS8328IB ±2 ±1 ±1 –40°C to +85°C Small tape and ADS8328IBRSAT reel 250 4 ×4 QFN-16 RSA Tape and reel ADS8328IBRSAR 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. 2 Submit Documentation Feedback © 2006–2011, Texas Instruments Incorporated Product Folder Link(s): ADS8327 ADS8328 |
Podobny numer części - ADS8328IBRSATG4 |
|
Podobny opis - ADS8328IBRSATG4 |