Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8327IBRSARG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS8327IBRSARG4
Szczegółowy opis  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8327IBRSARG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS8327IBRSARG4 Datasheet HTML 4Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 5Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 6Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 7Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 8Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 9Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 10Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 11Page - Texas Instruments ADS8327IBRSARG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
TIMING CHARACTERISTICS
All specifications typical at
–40°C to 85°C, +VA = 2.7 v, +VBD = 1.8 V
(1) (2)
PARAMETER
MIN
TYP
MAX
UNIT
External,
0.5
10.5
fCCLK = 1/2 fSCLK
fCCLK
Frequency, conversion clock, CCLK
MHz
Internal
fCCLK = 1/2 fSCLK
10.5
11
12.2
tsu(CSF-EOC)
Setup time, falling edge of CS to EOC
1
CCLK
th(CSF-EOC)
Hold time, falling edge of CS to EOC
0
ns
twL(CONVST)
Pulse duration, CONVST low
40
ns
tsu(CSF-EOS)
Setup time, falling edge of CS to EOS
20
ns
th(CSF-EOS)
Hold time, falling edge of CS to EOS
20
ns
tsu(CSR-EOS)
Setup time, rising edge of CS to EOS
20
ns
th(CSR-EOS)
Hold time, rising edge of CS to EOS
20
ns
Setup time, falling edge of CS to first falling
tsu(CSF-SCLK1F)
5
ns
SCLK
twL(SCLK)
Pulse duration, SCLK low
8
tc(SCLK) – 8
ns
twH(SCLK)
Pulse duration, SCLK high
8
tc(SCLK) – 8
ns
I/O Clock only
30
I/O and conversion clock
47.6
2000
tc(SCLK)
Cycle time, SCLK
ns
I/O Clock, chain mode
30
I/O and conversion clock,
47.6
2000
chain mode
Delay time, falling edge of SCLK to SDO
td(SCLKF-SDOINVALID)
10-pF Load
7.5
ns
invalid
Delay time, falling edge of SCLK to SDO
td(SCLKF-SDOVALID)
10-pF Load
16
ns
valid
Delay time, falling edge of CS to SDO valid,
td(CSF-SDOVALID)
10-pF Load
13
ns
SDO MSB output
tsu(SDI-SCLKF)
Setup time, SDI to falling edge of SCLK
8
ns
th(SDI-SCLKF)
Hold time, SDI to falling edge of SCLK
4
ns
Delay time, rising edge of CS/FS to SDO
td(CSR-SDOZ)
8
ns
3-state
Setup time, 16th falling edge of SCLK
tsu(16th SCLKF-CSR)
10
ns
before rising edge of CS/FS
Delay time, CDI high to SDO high in daisy
td(SDO-CDI)
10-pF Load, chain mode
25
ns
chain mode
(1)
All input signals are specified with tr = tf = 1.5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
8
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328


Podobny numer części - ADS8327IBRSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8327IBRSAR TI-ADS8327IBRSAR Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Podobny opis - ADS8327IBRSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com