Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ23-B5V6 Arkusz danych(PDF) 2 Page - General Semiconductor

Numer części DZ23-B5V6
Szczegółowy opis  Dual Common-Cathode Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GE [General Semiconductor]
Strona internetowa  http://www.vishay.com
Logo GE - General Semiconductor

DZ23-B5V6 Arkusz danych(HTML) 2 Page - General Semiconductor

  DZ23-B5V6 Datasheet HTML 1Page - General Semiconductor DZ23-B5V6 Datasheet HTML 2Page - General Semiconductor DZ23-B5V6 Datasheet HTML 3Page - General Semiconductor DZ23-B5V6 Datasheet HTML 4Page - General Semiconductor DZ23-B5V6 Datasheet HTML 5Page - General Semiconductor DZ23-B5V6 Datasheet HTML 6Page - General Semiconductor DZ23-B5V6 Datasheet HTML 7Page - General Semiconductor DZ23-B5V6 Datasheet HTML 8Page - General Semiconductor DZ23-B5V6 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics (TA = 25°C unless otherwise noted)
DZ23-y2V7
V1
75 (<83)
<500
–9 … –4
DZ23-y3
V2
80 (<95)
<500
–9 … –3
DZ23-y3V3
V3
80 (<95)
<500
–8 … –3
DZ23-y3V6
V4
80 (<95)
<500
–8 … –3
DZ23-y3V9
V5
80 (<95)
<500
–7 … –3
DZ23-y4V3
V6
80 (<95)
<500
–6 … –1
DZ23-y4V7
V7
70 (<78)
<500
–5 … +2
DZ23-y5V1
V8
30 (<60)
<480
–3 … +4
>0.8
DZ23-y5V6
V9
10 (<40)
<400
–2 … +6
>1
DZ23-y6V2
V10
4.8 (<10)
<200
–1 … +7
>2
DZ23-y6V8
V11
4.5 (<8)
<150
+2 … +7
>3
DZ23-y7V5
V12
4 (<7)
<50
–3 … +7
>5
DZ23-y8V2
V13
4.5 (<7)
<50
+4 … +7
>6
DZ23-y9V1
V14
4.8 (<10)
<50
+5 … +8
>7
DZ23-y10
V15
5.2 (<15)
<70
+5 … +8
>7.5
DZ23-y11
V16
6 (<20)
<70
+5 … +9
>8.5
DZ23-y12
V17
7 (<20)
<90
+6 … +9
>9
DZ23-y13
V18
9 (<25)
<110
+7 … +9
>10
DZ23-y15
V19
11 (<30)
<110
+7 … +9
>11
DZ23-y16
V20
13 (<40)
<170
+8 … +9.5
>12
DZ23-y18
V21
18 (<50)
<170
+8 … +9.5
>14
DZ23-y20
V22
20 (<50)
<220
+8 … +10
>15
DZ23-y22
V23
25 (<55)
<220
+8 … +10
>17
DZ23-y24
V24
28 (<80)
<220
+8 … +10
>18
DZ23-y27
V25
30 (<80)
<250
+8 … +10
>20
DZ23-y30
V26
35 (<80)
<250
+8 … +10
>22.5
DZ23-y33
V27
40 (<80)
<250
+8 … +10
>25
DZ23-y36
V28
40 (<90)
<250
+8 … +10
>27
DZ23-y39
V29
50 (<90)
<300
+10 … +12
>29
DZ23-y43
V30
60 (<100)
<700
+10 … +12
>32
DZ23-y47
V31
70 (<100)
<750
+10 … +12
>35
DZ23-y51
V32
70 (<100)
<750
+10 … +12
>38
Note:
(1) Tested with pulses tp = 5ms
Type
y = C for 5%
y = B for 2%
Marking
Dynamic Resistance
at
IZ = 5mA
f = 1kHz
rzj (
Ω)
at
IZ = 1mA
f = 1kHz
rzj (
Ω)
Temp. Coeff.
of Zener Voltage
at
IZ = 5mA
αVZ (10–4/°C)
Reverse
Voltage
at
IR = 100nA
VR (V)
DZ23 Series
Dual Common-Cathode
Zener Diodes


Podobny numer części - DZ23-B5V6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
DZ23-G VISHAY-DZ23-G Datasheet
124Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 1.1, 01-Mar-13
DZ23-G VISHAY-DZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
More results

Podobny opis - DZ23-B5V6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
EA60QC03L NIEC-EA60QC03L Datasheet
46Kb / 6P
   SBD DUAL DIODES CATHODE COMMON
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ20B06 NIEC-FCQ20B06 Datasheet
46Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
KCF16A60 NIEC-KCF16A60 Datasheet
42Kb / 4P
   FRD DUAL DIODES CATHODE COMMON
FCQ20A03L NIEC-FCQ20A03L Datasheet
45Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
AiT Semiconductor Inc.
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com