Zakładka z wyszukiwarką danych komponentów |
|
ADS7957SDBTG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
ADS7957SDBTG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 66 page Compare Alarm Threshold ControlLogic & Sequencing SDI SCLK CS SDO MXO AINP REF ADC GPIO BDGND VBD +VA AGND Ch0 Ch1 Ch2 Chn* ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958, ADS7959, ADS7960, ADS7961 SLAS605A – JUNE 2008 – REVISED JANUARY 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ADS79XX BLOCK DIAGRAM NOTE: n* is number of channels (16,12,8, or 4) depending on the device from the ADS79XX product family. NOTE: 4 number of GPIO are available in TSSOP package devices only, QFN package devices offer only one GPIO. 2 Submit Documentation Feedback Copyright © 2008–2010, Texas Instruments Incorporated Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958, ADS7959, ADS7960, ADS7961 |
Podobny numer części - ADS7957SDBTG4 |
|
Podobny opis - ADS7957SDBTG4 |