Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8515IBDBR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8515IBDBR
Szczegółowy opis  16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8515IBDBR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8515IBDBR Datasheet HTML 6Page - Texas Instruments ADS8515IBDBR Datasheet HTML 7Page - Texas Instruments ADS8515IBDBR Datasheet HTML 8Page - Texas Instruments ADS8515IBDBR Datasheet HTML 9Page - Texas Instruments ADS8515IBDBR Datasheet HTML 10Page - Texas Instruments ADS8515IBDBR Datasheet HTML 11Page - Texas Instruments ADS8515IBDBR Datasheet HTML 12Page - Texas Instruments ADS8515IBDBR Datasheet HTML 13Page - Texas Instruments ADS8515IBDBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADS8515
SLAS460D – JUNE 2007 – REVISED SEPTEMBER 2010
www.ti.com
STARTING A CONVERSION
The combination of CS (pin 25) and R/C (pin 24) held low for a minimum of 40 ns immediately puts the
sample/hold of the ADS8515 in the hold state and starts conversion n. BUSY (pin 26) goes low and stays low
until conversion n is completed and the internal output register has been updated.
The ADS8515 begins tracking the input signal at the end of the conversion. Allowing 4 ms between convert
commands assures accurate acquisition of a new signal. Refer to Table 1 for a summary of CS, R/C, and BUSY
states and Figure 21, Figure 22, and Figure 23 for the timing diagrams.
CS and R/C are internally ORed and level triggered. There is no requirement regarding which input goes low first
when initiating a conversion. If, however, it is critical that CS or R/C initiates conversion n, be sure the less
critical input is low at least 10 ns prior to the initiating input.
To reduce the number of control pins, CS can be tied low using R/C to control the read and convert modes. The
parallel output becomes active whenever R/C goes high. Refer to the Reading Data section.
Table 1. Control Line Functions for Read and Convert
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion n. Databus remains in Hi-Z state.
0
1
Initiates conversion n. Databus enters Hi-Z state.
0
1
Conversion n completed. Valid data from conversion n on the databus.
1
1
Enables databus with valid data from conversion n.
1
0
Enables databus with valid data from conversion –1 (1). Conversion n in progress.
0
0
Enables databus with valid data from conversion –1 (1). Conversion n in progress.
0
0
New conversion initiated without acquisition of a new signal. Data is invalid. CS and/or R/C
must be high when BUSY goes high.
X
X
0
Conversion n in progress.
(1)
See Figure 21 and Figure 22 for constraints on data valid from conversion n – 1.
READING DATA
The ADS8515 outputs full or byte-reading parallel data in binary twos complement data output format. The
parallel output is active when R/C (pin 24) is high and CS (pin 25) is low. Any other combination of CS and R/C
3-states the parallel output. Valid conversion data can be read in a full parallel, 16-bit word or two 8-bit bytes on
pins 6 to 13 and pins 15 to 22. BYTE (pin 23) can be toggled to read both bytes within one conversion cycle.
Refer to Table 2 for ideal output codes and Figure 20 for bit locations relative to the state of BYTE.
Table 2. Ideal Input Voltages and Output Codes
DIGITAL OUTPUT BINARY TWOS COMPLEMENT
DESCRIPTION
ANALOG INPUT
BINARY CODE
HEX CODE
Full-scale range
±10 V
Least significant bit (LSB)
305 mV
Full scale (10 V – 1 LSB)
9.999695 V
0111 1111 1111 1111
7FFF
Midscale
0 V
0000 0000 0000 0000
0000
One LSB below midscale
–305 mV
1111 1111 1111 1111
FFFF
–Full scale
–10 V
1000 0000 0000 0000
8000
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8515


Podobny numer części - ADS8515IBDBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8515IBDBR TI-ADS8515IBDBR Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515IBDBRG4 TI-ADS8515IBDBRG4 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8515IBDBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com