Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA020-060-30-33 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TA020-060-30-33
Szczegółowy opis  2 ~ 6GHz 33dBm PowerAmplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-30-33 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TA020-060-30-33 Datasheet HTML 1Page - Transcom, Inc. TA020-060-30-33 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA020-060-30-33
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
2 ~ 6GHz 33dBm Power Amplifier
FEATURES
 P
1dB: 33dBm, min.
 Small Signal Gain: 30dB, min.
 Bias Condition: 1800mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
2
6
GHz
SSG
Small Signal Gain
30
33
dB
GOF
Small Signal Gain Flatness
±0.6
dB
NF
Noise Figure
4.5
dB
P1dB
Output Power at 1 dB Gain Compression
33
dBm
IP3
The Third Intercept Point
43
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
13
Volt
Idc
Current Supply
1800
mA
OTR
Operating Temperature Range
-30
70
°C
Housing: HA24, with SMA female removable connectors, unit is inch


Podobny numer części - TA020-060-30-33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA020-060-30-30 TRANSCOM-TA020-060-30-30 Datasheet
102Kb / 2P
   2 ~ 6 GHz 30dBm Amplifier
More results

Podobny opis - TA020-060-30-33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFHIC
RTH35005G RFHIC-RTH35005G Datasheet
496Kb / 4P
   GaN Hybrid PowerAmplifier
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
   2-6GHz 30W Power Amplifier
logo
RFHIC
RTH37005G RFHIC-RTH37005G Datasheet
493Kb / 4P
   GaN Hybrid PowerAmplifier
HM0225-05B RFHIC-HM0225-05B Datasheet
518Kb / 6P
   GaN Hybrid PowerAmplifier
RTH49005G RFHIC-RTH49005G Datasheet
528Kb / 4P
   GaN Hybrid PowerAmplifier
logo
Mini-Circuits
VLM-63-2W MINI-VLM-63-2W Datasheet
276Kb / 1P
   12 to 33dBm Limiter
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
   2 - 6GHz High Linearity Gain Block
logo
Transcom, Inc.
TA020-060-40-33 TRANSCOM-TA020-060-40-33 Datasheet
49Kb / 2P
   2.0 ??6.0 GHz 33dBm Amplifiers
logo
Knowles Electronics
PDW06398 KNOWLES-PDW06398 Datasheet
173Kb / 2P
   6GHz 2-way Wilkinson Power Divider
logo
Dielectric Laboratories...
PDW06398 DILABS-PDW06398 Datasheet
173Kb / 2P
   6GHz 2-way Wilkinson Power Divider
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com