Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7852YB2KG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS7852YB2KG4
Szczegółowy opis  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7852YB2KG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS7852YB2KG4 Datasheet HTML 1Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 2Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 3Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 4Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 5Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 6Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 7Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 8Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADS7852
SBAS111C
3
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 500kHz, fCLK = 16 • fS, and VSS = +5V, using internal reference, unless otherwise specified.
ADS7852Y
ADS7852YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Input Voltage Range
0
5
✻✻
V
Input Impedance
5M
Input Capacitance
15
pF
Input Leakage Current
±1
µA
DC ACCURACY
No Missing Codes
12
Bits
Integral Linearity Error
±2
±1
LSB(1)
Differential Linearity Error
±1
±0.5
±1
LSB
Offset Error
±2
±5
±1
LSB
Offset Error Drift
±4
ppm/
°C
Offset Error Match
±1
LSB
Gain Error(1)
Ext Ref = 2.5000V
±15
±10
LSB
Gain Error
Int Ref
±40
±25
LSB
Gain Error Drift
±25
ppm/
°C
Gain Error Match
±1
LSB
Noise
150
µVrms
Power Supply Rejection Ratio
Worst-Case
∆, +V
SS = 5V ±5%
1.2
LSB
SAMPLING DYNAMICS
Conversion Time
13.5
Clk Cycles
Acquisition Time
1.5
Clk Cycles
Throughput Rate
500
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
5
ns
Aperture Jitter
30
ps
AC ACCURACY
Signal-to-Noise Ratio
72
dB
Total Harmonic Distortion(3)
VIN = 5Vp-p at 50kHz
–74
–72
–77
–76
dB
Signal-to-(Noise+Distortion)
VIN = 5Vp-p at 50kHz
68
70
71
72
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 50kHz
76
74
78
77
dB
Channel-to-Channel Isolation
VIN = 5Vp-p at 50kHz
95
dB
REFERENCE OUTPUT
Internal Reference Voltage
2.48
2.50
2.52
✻✻
V
Internal Reference Drift
30
ppm/
°C
Input Impedance
CS = GND
5
G
CS = VSS
5
G
Source Current(4)
Static Load
50
µA
REFERENCE INPUT
Range
2.0
2.55
✻✻
V
Resistance(5)
to Internal Reference Voltage
10
k
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels:
VIH
IIH = +5µA3
+VSS + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
0.8
✻✻
V
VOH
IOH = 250µA
3.5
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENT
+VSS
Specified Performance
4.75
5.25
✻✻
V
Quiescent Current
2.6
3.5
✻✻
mA
Normal Power
13
17.5
✻✻
mW
Nap Mode Current(6)
600
800
✻✻
µA
Sleep Mode Current(6)
10
30
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Storage
–65
+150
✻✻
°C
✻ Specifications same as ADS7852Y.
NOTES: (1) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 1.22mV. (2) Measured relative to an ideal, full-scale input of 4.999V. Thus,
gain error includes the error of the internal voltage reference. (3) Calculated on the first nine harmonics of the input frequency. (4) If the internal reference is required
to source current to an external load, the reference voltage will change due to the internal 10k
Ω resistor. (5) Can vary ±30%. (6) See Timing Characteristics for
further detail.


Podobny numer części - ADS7852YB2KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7852YB BURR-BROWN-ADS7852YB Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852YB/250 TI1-ADS7852YB/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/250G4 TI1-ADS7852YB/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/2K TI1-ADS7852YB/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7852YB2KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com