Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7835E2K5G4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS7835E2K5G4
Szczegółowy opis  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7835E2K5G4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS7835E2K5G4 Datasheet HTML 2Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 3Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 4Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 5Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 6Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 7Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 8Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 9Page - Texas Instruments ADS7835E2K5G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
ADS7835
®
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
Input Frequency (kHz)
75
73
71
69
67
65
63
1
10
100
1000
SIGNAL-TO-NOISE and
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
SINAD
SNR
CHANGE IN SIGNAL-TO-NOISE and
SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
20
–40
80
100
–20
0
40
Temperature (
°C)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
60
f
IN = 10kHz, –0.2dB
SINAD
SNR
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–40
–20
0
20
40
60
80
100
f
IN = 10kHz, –0.2dB
SFDR
THD
First nine harmonics
of the input frequency
Temperature (
°C)
CHANGE IN SPURIOUS FREE DYNAMIC RANGE
and TOTAL HARMONIC DISTORTION
vs TEMPERATURE
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
0
100
200
300
400
500
600
700
Sample Rate (kHz)
CHANGE IN BIPOLAR OFFSET ERROR
vs SAMPLE RATE
Input Frequency (kHz)
90
85
80
75
70
65
1
10
100
1000
THDT
SFDR
T First nine harmonics
of the input frequency
SPURIOUS FREE DYNAMIC RANGE and
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY


Podobny numer części - ADS7835E2K5G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7835E2K5G4 TI-ADS7835E2K5G4 Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7835E2K5G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com