Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA060-180-10-10 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TA060-180-10-10
Szczegółowy opis  6 ~ 18 GHz 10dB Gain 10dBm Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA060-180-10-10 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TA060-180-10-10 Datasheet HTML 1Page - Transcom, Inc. TA060-180-10-10 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA060-180-10-10
REV0_2008/11/10
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
6 ~ 18 GHz 10dB Gain 10dBm Low Noise Amplifier
FEATURES
P1dB: 10dBm, min.
Small Signal Gain: 10dB, min.
Bias Condition: 50mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
6
18
GHz
SSG
Small Signal Gain
10
11
dB
GOF
Small Signal Gain Flatness
±
±±
±0.4
±
±±
±0.5
dB
NF
Noise Figure
2.7
dB
P1dB
Output Power at 1 dB Gain Compression
10
dBm
IP3
The Third Intercept Point
20
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
15
Volt
Idc
Current Supply
50
mA
OTR
Operating Temperature Range
-30
70
°C
Housing : HG3, with SMA female removable connectors, unit is inch


Podobny numer części - TA060-180-10-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA060-180-10-15 TRANSCOM-TA060-180-10-15 Datasheet
44Kb / 2P
   6 ~ 18 GHz 15dBm Low Noise Amplifier
More results

Podobny opis - TA060-180-10-10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA060-180-20-10 TRANSCOM-TA060-180-20-10 Datasheet
47Kb / 2P
   6 ~ 18 MHz 10dBm Low Noise Amplifier
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
logo
Teledyne Technologies I...
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com