Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7825UB Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7825UB
Szczegółowy opis  4 Channel, 16-Bit Sampling CMOS A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7825UB Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS7825UB Datasheet HTML 1Page - Texas Instruments ADS7825UB Datasheet HTML 2Page - Texas Instruments ADS7825UB Datasheet HTML 3Page - Texas Instruments ADS7825UB Datasheet HTML 4Page - Texas Instruments ADS7825UB Datasheet HTML 5Page - Texas Instruments ADS7825UB Datasheet HTML 6Page - Texas Instruments ADS7825UB Datasheet HTML 7Page - Texas Instruments ADS7825UB Datasheet HTML 8Page - Texas Instruments ADS7825UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
®
ADS7825
TYPICAL PERFORMANCE CURVES
At TA = +25°C, fS = 40kHz, VS1 = VS2 = +5V, using internal reference, unless otherwise noted.
FREQUENCY SPECTRUM
(8192 Point FFT; f
IN = 1.02kHz, –0.5dB)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
5
10
15
20
Frequency (kHz)
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
–130.0
–140.0
CROSSTALK vs INPUT FREQUENCY
(Active Channel Amplitude = –0.1dB)
100
1k
Active Channel Input Frequency (Hz)
10k
100k
Adjacent Channels, Worst Pair
Non-Adjacent Channels
Adjacent Channels
Measurement Limit
ADJACENT CHANNEL CROSSTALK, WORST PAIR
(8192 Point FFT; AIN
3 = 1.02kHz, –0.1dB; AIN2 = AGND)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
5
10
15
20
Frequency (kHz)
ADJACENT CHANNEL CROSSTALK, WORST PAIR
(8192 Point FFT; AIN
3 = 10.1kHz, –0.1dB; AIN2 = AGND )
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
5
10
15
20
Frequency (kHz)
100
90
80
70
60
50
40
30
100
Input Signal Frequency (Hz)
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY (f
IN = –0.1dB)
1k
10k
100k
100
90
80
70
60
50
40
30
20
10
0
Input Signal Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY AND INPUT AMPLITUDE
2
4
6
8
10
12
14
16
18
20
0dB
–20dB
–60dB


Podobny numer części - ADS7825UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7825UB BURR-BROWN-ADS7825UB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
More results

Podobny opis - ADS7825UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com