Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1210P Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS1210P
Szczegółowy opis  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210P Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS1210P Datasheet HTML 1Page - Texas Instruments ADS1210P Datasheet HTML 2Page - Texas Instruments ADS1210P Datasheet HTML 3Page - Texas Instruments ADS1210P Datasheet HTML 4Page - Texas Instruments ADS1210P Datasheet HTML 5Page - Texas Instruments ADS1210P Datasheet HTML 6Page - Texas Instruments ADS1210P Datasheet HTML 7Page - Texas Instruments ADS1210P Datasheet HTML 8Page - Texas Instruments ADS1210P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ADS1210
ADS1211
24-Bit ANALOG-TO-DIGITAL CONVERTER
FEATURES
q DELTA-SIGMA A/D CONVERTER
q 23 BITS EFFECTIVE RESOLUTION AT 10Hz
AND 20 BITS AT 1000Hz
q DIFFERENTIAL INPUTS
q PROGRAMMABLE GAIN AMPLIFIER
q FLEXIBLE SPI-COMPATIBLE SSI
INTERFACE WITH 2-WIRE MODE
q PROGRAMMABLE CUT-OFF FREQUENCY
UP TO 15.6kHz
q INTERNAL/EXTERNAL REFERENCE
q ON-CHIP SELF-CALIBRATION
q ADS1211 INCLUDES 4-CHANNEL MUX
DESCRIPTION
The ADS1210 and ADS1211 are precision, wide dynamic
range, delta-sigma Analog-to-Digital (A/D) converters with
24-bit resolution operating from a single +5V supply. The
differential inputs are ideal for direct connection to transduc-
ers or low-level voltage signals. The delta-sigma architec-
ture is used for wide dynamic range and to ensure 22 bits
of no-missing-code performance. An effective resolution of
23 bits is achieved through the use of a very low-noise input
amplifier at conversion rates up to 10Hz. Effective resolu-
tions of 20 bits can be maintained up to a sample rate of
1kHz through the use of the unique Turbo modulator mode
of operation. The dynamic range of the converters is further
increased by providing a low-noise programmable gain
amplifier with a gain range of 1 to 16 in binary steps.
The ADS1210 and ADS1211 are designed for high resolution
measurement applications in smart transmitters, industrial
process control, weigh scales, chromatography, and portable
instrumentation. Both converters include a flexible synchro-
nous serial interface that is SPI-compatible and also offers a
two-wire control mode for low cost isolation.
The ADS1210 is a single-channel converter and is offered in
both 18-pin DIP and 18-lead SOIC packages. The ADS1211
includes a 4-channel input multiplexer and is available in 24-
pin DIP, 24-lead SOIC, and 28-lead SSOP packages.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
ADS12
10
ADS1
211
ADS1
210
ADS1211
ADS1
211
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Third-Order
Digital Filter
Micro Controller
Modulator Control
AGND AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
MODE
DSYNC
ADS1211 Only
ADS1210/11
CS
DRDY
A
INP
A
INN
SCLK
DGND
DV
DD
SDIO
SDOUT
MUX
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
SBAS034B – JANUARY 1996 – REVISED SEPTEMBER 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Podobny numer części - ADS1210P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1210P BURR-BROWN-ADS1210P Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1210P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com