Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7800KP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS7800KP
Szczegółowy opis  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800KP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS7800KP Datasheet HTML 3Page - Texas Instruments ADS7800KP Datasheet HTML 4Page - Texas Instruments ADS7800KP Datasheet HTML 5Page - Texas Instruments ADS7800KP Datasheet HTML 6Page - Texas Instruments ADS7800KP Datasheet HTML 7Page - Texas Instruments ADS7800KP Datasheet HTML 8Page - Texas Instruments ADS7800KP Datasheet HTML 9Page - Texas Instruments ADS7800KP Datasheet HTML 10Page - Texas Instruments ADS7800KP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADS7800
7
SBAS001A
www.ti.com
FIGURE 3. Acquisition and Conversion Timing.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tDBC
BUSY delay from R/C
80
150
ns
tB
BUSY Low
2.5
2.7
µs
tAP
Aperture Delay
13
ns
∆t
AP
Aperture Jitter
150
ps, rms
tC
Conversion Time
2.47
2.70
µs
TABLE I. Acquisition and Conversion Timing.
For use with an 8-bit bus, the data can be read out in two
bytes under the control of pin 18, HBE. With a LOW input
on pin 18, at the end of a conversion, the 8 LSBs of data
are loaded into the latches on pins 9 through 12 and 14
through 17. Taking pin 18 HIGH then loads the 4 MSBs on
pins 14 through 17, with pins 9 through 12 being forced
LOW.
ANALOG INPUT RANGES
The ADS7800 offers two standard bipolar input ranges:
±10V and ±5V. If a ±10V range is required, the analog input
signal should be connected to pin 1. A signal requiring a
±5V range should be connected to pin 2. In either case, the
other pin of the two must be grounded or connected to the
adjustment circuits described in the section on calibration.
(See Figures 4 and 5, or 10 and 11.)
CONTROLLING THE ADS7800
The ADS7800 can be easily interfaced to most micropro-
cessor-based and other digital systems. The microprocessor
may take full control of each conversion, or the ADS7800
may operate in a stand-alone mode, controlled only by the
R/C input. Full control consists of initiating the conversion
and reading the output data at user command, transmitting
data either all 12-bits in one parallel word, or in two 8-bit
bytes. The three control inputs (CS, R/C and HBE) are all
TTL/CMOS compatible. The functions of the control lines
are shown in Table II.
TABLE II. Control Line Functions.
CS
R/C
HBE BUSY
OPERATION
1
X
X
1
None - Outputs in Hi-Z State.
01
↓0
0
1
Holds Signal and Initiates Conversion.
0101
Output Three-State Buffers Enabled once
Conversion has Finished.
0111
Enable Hi-Byte in 8-bit Bus Mode.
01
↓0
1
1
Inhibit Start of Conversion.
0011
None - Outputs in Hi-Z State.
X
X
X
0
Conversion in Progress. Outputs Hi-Z
State. New Conversion Inhibited until
Present Conversion has Finished.
For stand-alone operation, control of the ADS7800 is
accomplished by a single control line connected to R/C. In
this mode, CS and HBE are connected to GND. The output
data are presented as 12-bit words. The stand-alone mode
is used in systems containing dedicated input ports which
do not require full bus interface capability.
Conversion is initiated by a HIGH-to-LOW transition on
R/C. The three-state data output buffers are enabled when
R/C is HIGH and BUSY is HIGH. Thus, there are two
possible modes of operation: conversion can be initiated
with either positive or negative pulses. In either case, the
R/C pulse must remain LOW a minimum of 40ns.
Figure 6 illustrates timing when conversion is initiated by
an R/C pulse which goes LOW and returns HIGH during the
conversion. In this case (Convert Mode), the three-state
outputs go into the Hi-Z state in response to the falling edge
of R/C, and are enabled for external access of the data after
completion of the conversion.
Figure 7 illustrates the timing when conversion is initiated
by a positive R/C pulse. In this mode (Read Mode), the
output data from the previous conversion is enabled during
the HIGH portion of R/C. A new conversion starts on the
falling edge of R/C, and the three-state outputs return to the
Hi-Z state until the next occurrence of a HIGH on R/C.
CONVERSION START
A conversion is initiated on the ADS7800 only by a negative
transition occurring on R/C, as shown in Table I. No other
combination of states or transitions will initiate a conver-
sion. Conversion is inhibited if either CS or HBE are HIGH,
or if BUSY is LOW. CS and HBE should be stable a
minimum of 25ns prior to the transition on R/C. Timing
relationships for start of conversion are illustrated in Figure
8.
The BUSY output indicates the current state of the converter
by being LOW only during conversion. During this time the
three-state output buffers remain in a Hi-Z state, and
therefore data cannot be read during conversion. During this
period, additional transitions on the three digital inputs (CS,
R/C and HBE) will be ignored, so that conversion cannot
be prematurely terminated or restarted.
R/C
BUSY
t
B
Converter
Mode
Conversion
Acquisition
Acquisition
Conversion
t
AP
tC
Hold Time
tDBC


Podobny numer części - ADS7800KP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7800KP BURR-BROWN-ADS7800KP Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7800KP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com