Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS931EG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS931EG4
Szczegółowy opis  8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS931EG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS931EG4 Datasheet HTML 1Page - Texas Instruments ADS931EG4 Datasheet HTML 2Page - Texas Instruments ADS931EG4 Datasheet HTML 3Page - Texas Instruments ADS931EG4 Datasheet HTML 4Page - Texas Instruments ADS931EG4 Datasheet HTML 5Page - Texas Instruments ADS931EG4 Datasheet HTML 6Page - Texas Instruments ADS931EG4 Datasheet HTML 7Page - Texas Instruments ADS931EG4 Datasheet HTML 8Page - Texas Instruments ADS931EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADS931
3
SBAS060A
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range unless otherwise noted. +VS = LVDD = +3V, specified single-ended input (1V to 2V) and sampling rate = 30MHz, unless
otherwise specified. The input range is 2.25V to 3.25V when specified for +5V operation.
ADS931E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES: (1) The single-ended input range is set by REFB and REFT values. (2) Spurious Free Dynamic Range refers to the magnitude of the largest harmonic.
(3) dBFS is dB relative to full scale. (4) Two-tone intermodulation distortion is referred to as the largest fundamental tone. (5) Based on (SINAD –1.76)/6.02. (6) No
“Rollover” of bits. (7) Offset deviation from ideal negative full scale.
Output Noise
Input AC-Grounded
0.2
LSBs rms
Aperture Delay Time
2ns
Aperture Jitter
7
ps rms
Analog Input Bandwidth
Small Signal
–20dBFS Input
350
MHz
Full Power
0dBFS Input
100
MHz
Overvoltage Recovery Time(6)
2ns
DIGITAL OUTPUTS
CL = 15pF
Logic Family
TTL/HCT Compatible CMOS
Logic Coding
Straight Offset Binary
High Output Voltage, VOH
2.4
VDD
V
Low Output Voltage, VOL
0.4
V
3-State Enable Time
OE = L
20
40
ns
3-State Disable Time
OE = H
2
10
ns
Internal Pull-Down
50
k
Power-Down Enable Time
Pwrdn = L
133
ns
Power-Down Disable Time
Pwrdn = H
18
ns
Internal Pull-Down
50
k
ACCURACY
fS = 2.5MHz, VS = +3V and +5V
Gain Error
2.4
3.5
%FS
Input Offset(7)
Referred to Ideal Midscale
±6.5
±25
mV
Power Supply Rejection (Gain)
∆ V
S = +10%
75
dB
External REFT Voltage Range
REFB +0.5
2
VS–0.8
V
External REFB Voltage Range
0.8
1
REFT –0.5
V
Reference Input Resistance
4k
POWER SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+2.7
+3.0
+5.5
V
Supply Current: +IS
VS = +3V
23
29
mA
Power Dissipation
VS = +3V
69
87
mW
VS = +5V
154
mW
Power Dissipation (Power Down)
VS = +3V
10
mW
VS = +5V
15
mW
Thermal Resistance,
θ
JA
SSOP-28
89
°C/W


Podobny numer części - ADS931EG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS931E TI-ADS931E Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E/1K TI-ADS931E/1K Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS931EG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com