Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS825 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS825
Szczegółowy opis  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS825 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS825 Datasheet HTML 5Page - Texas Instruments ADS825 Datasheet HTML 6Page - Texas Instruments ADS825 Datasheet HTML 7Page - Texas Instruments ADS825 Datasheet HTML 8Page - Texas Instruments ADS825 Datasheet HTML 9Page - Texas Instruments ADS825 Datasheet HTML 10Page - Texas Instruments ADS825 Datasheet HTML 11Page - Texas Instruments ADS825 Datasheet HTML 12Page - Texas Instruments ADS825 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ADS822, ADS825
9
SBAS069B
FIGURE 2. AC-Coupled Input Configuration for a 2Vp-p Full-Scale Range and a Common-Mode Voltage, VCM, at +2.5V Derived
From the Internal Top (REFT) and Bottom References (REFB).
FIGURE 3. AC-Coupling the Dual Supply Amplifier, OPA642, to the ADS822 for a 2Vp-p Full-Scale Input Range.
For applications requiring the driving amplifier to provide a
signal amplification, with a gain
≥ 5, consider using decom-
pensated voltage-feedback op amps, like the OPA686, or
current-feedback op amps like the OPA691.
DC-coupled with Level Shift
Several applications may require that the bandwidth of the
signal path include DC, in which case, the signal has to be
DC-coupled to the ADC. In order to accomplish this, the
interface circuit has to provide a DC level shift to the analog
input signal. See Figure 4 for a circuit that employs a dual op
amp, A1, to drive the input of the ADS822 and ADS825, and
level shifts the signal to be compatible with the selected input
range. With the RSEL pin tied to the supply and the INT/EXT
pin to ground, the ADS822 and ADS825 are configured for a
2Vp-p input range and use the internal references. The
complementary input (IN) may be appropriately biased using
the +2.5V common-mode voltage available at the CM pin.
One half of amplifier A1 buffers the REFB pin and drives the
voltage dividers R1, R2. Due to the op amp’s noise gain of
+2V/V, assuming RF = RIN , the common-mode voltage (VCM)
has to be re-scaled to +1.25V. This results in the correct DC
level of +2.5V for the signal input (IN). Any DC voltage
differences between the IN and IN inputs of the ADS822 and
ADS825 effectively produces an offset, which can be cor-
rected for by adjusting the resistor values of the divider, R1
and R2. The selection criteria for a suitable op amp should
include the supply voltage, input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example, the overall signal phase is inverted. To re-establish
the original signal polarity, it is always possible to inter-
change the IN and IN connections.
+V
IN
0V
–V
IN
OPA690
V
IN
R
F
402
1.62k
R
G
402
ADS822
ADS825
R
S
50
10pF
0.1
µF
IN
IN
CM
INT/EXT
GND
REFT
+3.5V
1.62k
50
V
CM +2.5V
REFB
+1.5V
0.1
µF
0.1
µF
RSEL
+V
S
+5V
+5V
OPA642
V
IN
R
F
402
1.62k
R
G
402
ADS822
ADS825
R
S
24.9
1.62k
100pF
0.1
µF
0.1
µF
IN
IN
CM
REFB
+1.5V
INT/EXT
GND
REFT
+3.5V
RSEL
+V
S
+5V
+5V
–5V


Podobny numer części - ADS825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCR TI-ADS8254IBRGCR Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCT TI-ADS8254IBRGCT Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Podobny opis - ADS825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com