Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS807 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS807
Szczegółowy opis  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS807_14 Datasheet HTML 3Page - Texas Instruments ADS807_14 Datasheet HTML 4Page - Texas Instruments ADS807_14 Datasheet HTML 5Page - Texas Instruments ADS807_14 Datasheet HTML 6Page - Texas Instruments ADS807_14 Datasheet HTML 7Page - Texas Instruments ADS807_14 Datasheet HTML 8Page - Texas Instruments ADS807_14 Datasheet HTML 9Page - Texas Instruments ADS807_14 Datasheet HTML 10Page - Texas Instruments ADS807_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ADS807
7
SBAS072A
www.ti.com
SPECTRAL PERFORMANCE
(Sampling Frequency = 53MHz)
Frequency (MHz)
0
5.3
10.6
15.9
21.2
26.5
0
–20
–40
–60
–80
–100
f
IN = 21MHz
SNR = 68dBFS
SFDR = 72dBFS
SWEPT POWER SFDR
Input Amplitude (dBFS)
0
–10
–20
–30
–40
–50
–60
100
80
60
40
20
0
f
IN = 10MHz
dBc
dBFS
UNDERSAMPLING
(Sampling Frequency = 27MHz)
Frequency (MHz)
0
4.5
9.0
13.5
0
–20
–40
–60
–80
–100
f
IN = 50MHz
SNR = 65dBFS
SFDR = 73dBFS
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.
DYNAMIC PERFORMANCE
vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
90
85
80
75
70
65
60
35
40
45
50
55
60
SNR (3Vp-p)
SNR (2Vp-p)
SFDR (2Vp-p)
SFDR (3Vp-p)
f
IN = 5MHz
SINAD vs SAMPLING FREQUENCY
(Differential Input)
Sampling Frequency (MHz)
75
70
65
60
55
35
40
45
50
55
60
3Vp-p
2Vp-p
f
IN = 5MHz
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC INPUT)
N – 2N – 1
N
N + 1
N + 2
Code
3V Full-Scale


Podobny numer części - ADS807_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807 TI1-ADS807_15 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS807_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com