Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS820E1K Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS820E1K
Szczegółowy opis  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820E1K Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS820E1K Datasheet HTML 2Page - Texas Instruments ADS820E1K Datasheet HTML 3Page - Texas Instruments ADS820E1K Datasheet HTML 4Page - Texas Instruments ADS820E1K Datasheet HTML 5Page - Texas Instruments ADS820E1K Datasheet HTML 6Page - Texas Instruments ADS820E1K Datasheet HTML 7Page - Texas Instruments ADS820E1K Datasheet HTML 8Page - Texas Instruments ADS820E1K Datasheet HTML 9Page - Texas Instruments ADS820E1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
ADS820
6
SBAS037B
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (Hz)
85
80
75
70
65
60
55
100k
1M
10M
100M
SFDR
SNR
100
80
60
40
20
0
Input Amplitude (dBm)
SWEPT POWER SFDR
–50
–40
–30
–20
–10
0
10
f
IN = 10MHz
60
50
40
30
20
10
0
Input Amplitude (dBm)
SWEPT POWER SNR
–48.125
–40
–30
–20
–10
0
10
f
IN = 10MHz
4.0
2.0
0
–2.0
–4.0
INTEGRAL LINEARITY ERROR
Code
f
IN = 500kHz
24
224
424
624
824
1024
80
75
70
65
60
55
DYNAMIC PERFORMANCE
vs SINGLE-ENDED FULL-SCALE INPUT RANGE
12
3
4
5
Single-Ended Full-Scale Input Range (Vp-p)
SNR (f
IN = 10MHz)
SFDR (f
IN = 500kHz)
SNR (f
IN = 500kHz)
SFDR (f
IN = 10MHz)
NOTE: REFT
EXT varied, REFB is fixed at the internal value of +1.25V.
80
75
70
65
60
55
DYNAMIC PERFORMANCE
vs DIFFERENTIAL FULL-SCALE INPUT RANGE
12
3
4
5
Differential Full-Scale Input Range (Vp-p)
NOTE: REFT
EXT varied, REFB is fixed at internal value of +1.25V.
SNR (f
IN = 10MHz)
SFDR (f
IN = 500kHz)
SNR (f
IN = 500kHz)
SFDR (f
IN = 10MHz)


Podobny numer części - ADS820E1K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS820E BURR-BROWN-ADS820E Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820E TI1-ADS820E Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820E/1K TI1-ADS820E/1K Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS820E1K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com