Zakładka z wyszukiwarką danych komponentów |
|
ADS1211P Arkusz danych(PDF) 4 Page - Texas Instruments |
|
ADS1211P Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 51 page ADS1210, ADS1211 4 SBAS034B www.ti.com PGA +2.5V Reference +3.3V Bias Generator Clock Generator Serial Interface Second-Order ∆Σ Modulator Instruction Register Command Register Data Output Register Offset Register Full-Scale Register Third-Order Digital Filter Micro Controller Modulator Control 11 9 10 12 13 AGND AV DD REF OUT REF IN V BIAS X IN X OUT 3 1 2 16 17 18 4 7 8 65 14 15 DSYNC CS DRDY MODE A INP A INN SCLK DGND DV DD SDIO SDOUT ADS1210 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 A INP A INN AGND V BIAS CS DSYNC X IN X OUT DGND REF IN REF OUT AV DD MODE DRDY SDOUT SDIO SCLK DV DD ADS1210 SIMPLIFIED BLOCK DIAGRAM ADS1210 PIN DEFINITIONS PIN NO NAME DESCRIPTION 1AINP Noninverting Input. 2AINN Inverting Input. 3 AGND Analog Ground. 4VBIAS Bias Voltage Output, +3.3V nominal. 5 CS Chip Select Input. 6 DSYNC Control Input to Synchronize Serial Output Data. 7XIN System Clock Input. 8XOUT System Clock Output (for Crystal or Resonator). 9 DGND Digital Ground. 10 DVDD Digital Supply, +5V nominal. 11 SCLK Clock Input/Output for serial data transfer. 12 SDIO Serial Data Input (can also function as Serial Data Output). 13 SDOUT Serial Data Output. 14 DRDY Data Ready. 15 MODE SCLK Control Input (Master = 1, Slave = 0). 16 AVDD Analog Supply, +5V nominal. 17 REFOUT Reference Output, +2.5V nominal. 18 REFIN Reference Input. TOP VIEW DIP/SOIC ADS1210 PIN CONFIGURATION |
Podobny numer części - ADS1211P |
|
Podobny opis - ADS1211P |