Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS807EG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS807EG4
Szczegółowy opis  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807EG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS807EG4 Datasheet HTML 1Page - Texas Instruments ADS807EG4 Datasheet HTML 2Page - Texas Instruments ADS807EG4 Datasheet HTML 3Page - Texas Instruments ADS807EG4 Datasheet HTML 4Page - Texas Instruments ADS807EG4 Datasheet HTML 5Page - Texas Instruments ADS807EG4 Datasheet HTML 6Page - Texas Instruments ADS807EG4 Datasheet HTML 7Page - Texas Instruments ADS807EG4 Datasheet HTML 8Page - Texas Instruments ADS807EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADS807
4
SBAS072A
www.ti.com
ADS807E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, differential input range = 2V to 3V for each input, sampling rate = 50MHz, unless otherwise noted.
CMOS
Straight Offset Binary
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
VDRV = 5V
+0.2
V
High Output Voltage, (IOH = 50µA)
VDRV = 5V
+4.9
V
High Output Voltage, (IOH = 0.5mA)
VDRV = 5V
+4.8
V
Low Output Voltage, (IOL = 50µA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA)
VDRV = 3V
+2.8
V
3-State Enable Time
OE = L(5)
20
40
ns
3-State Disable Time
OE = H(5)
210
ns
Output Capacitance
5pF
ACCURACY (Internal Reference, 2Vp-p, Unless Otherwise Noted)
Zero Error (Referred to –FS)
at 25
°C
±1.0
±2.0
%FS
Zero Error Drift (Referred to –FS)
16
ppm/
°C
Gain Error(6)
at 25
°C
±1.5
±2.5
%FS
Gain Error Drift(6)
66
ppm/
°C
Gain Error(7)
at 25
°C
±1.0
±1.5
%FS
Gain Error Drift(7)
23
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
50
70
dB
REFT Tolerance
2V Full-Scale
Deviation From Ideal 3.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 3.25V
±20
±100
mV
REFB Tolerance
2V Full-Scale
Deviation From Ideal 2.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 1.75V
±20
±100
mV
External REFT Voltage Range
REFB + 0.4
3
VS – 1.70
V
External REFB Voltage Range
1.70
2
REFT – 0.4
V
Reference Input Resistance
1k
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
60
mA
Power Dissipation: VDRV = 5V
External Reference
305
360
mW
VDRV = 3V
External Reference
290
350
mW
VDRV = 5V
Internal Reference
350
390
mW
VDRV = 3V
Internal Reference
335
380
mW
Thermal Resistance,
θ
JA
SSOP-28
50
°C/W
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full-Scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope.
(4) Effective number of bits (ENOB) is defined by as (SINAD – 1.76) /6.02. (5) A 50k
Ω pull-down resistor is inserted internally on OE pin. (6) Includes internal reference.
(7) Excludes internal reference.


Podobny numer części - ADS807EG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807EG4 TI1-ADS807EG4 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS807EG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com