Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS803E1KG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS803E1KG4
Szczegółowy opis  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803E1KG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS803E1KG4 Datasheet HTML 1Page - Texas Instruments ADS803E1KG4 Datasheet HTML 2Page - Texas Instruments ADS803E1KG4 Datasheet HTML 3Page - Texas Instruments ADS803E1KG4 Datasheet HTML 4Page - Texas Instruments ADS803E1KG4 Datasheet HTML 5Page - Texas Instruments ADS803E1KG4 Datasheet HTML 6Page - Texas Instruments ADS803E1KG4 Datasheet HTML 7Page - Texas Instruments ADS803E1KG4 Datasheet HTML 8Page - Texas Instruments ADS803E1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS803
4
SBAS074B
www.ti.com
PIN CONFIGURATION
PIN
DESIGNATOR
DESCRIPTION
1
OVR
Over-Range Indicator
2
B1
Data Bit 1 (MSB)
3
B2
Data Bit 2
4
B3
Data Bit 3
5
B4
Data Bit 4
6
B5
Data Bit 5
7
B6
Data Bit 6
8
B7
Data Bit 7
9
B8
Data Bit 8
10
B9
Data Bit 9
11
B10
Data Bit 10
12
B11
Data Bit 11
13
B12
Data Bit 12 (LSB)
14
CLK
Convert Clock Input
15
OE
Output Enable
16
+VS
+5V Supply
17
GND
Ground
18
SEL
Input Range Select
19
VREF
Reference Voltage Select
20
REFB
Bottom Reference
21
CM
Common-Mode Voltage
22
REFT
Top Reference
23
IN
Complementary Analog Input
24
GND
Analog Ground
25
IN
Analog Input (+)
26
GND
Analog Ground
27
+VS
+5V Supply
28
VDRV
Output Driver Voltage
PIN DESCRIPTIONS
Top View
SSOP
6 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N – 6N – 5N – 4N – 3N – 2N – 1
N
N + 1
Data Out
Clock
Analog In
N
t
2
N + 1
N + 2
N + 3
N + 4
N + 5
N + 6
N + 7
t
1
TIMING DIAGRAM
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
200
1 • 105(ns)
ns
tL
Clock Pulse LOW
96
99
ns
tH
Clock Pulse HIGH
96
99
ns
tD
Aperture Delay
3
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12
ns
OVR
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
CLK
VDRV
+V
S
GND
IN
GND
IN
REFT
CM
REFB
VREF
SEL
GND
+V
S
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS803


Podobny numer części - ADS803E1KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS803E BURR-BROWN-ADS803E Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS803E1KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com