Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS800U1KG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS800U1KG4
Szczegółowy opis  12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS800U1KG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS800U1KG4 Datasheet HTML 3Page - Texas Instruments ADS800U1KG4 Datasheet HTML 4Page - Texas Instruments ADS800U1KG4 Datasheet HTML 5Page - Texas Instruments ADS800U1KG4 Datasheet HTML 6Page - Texas Instruments ADS800U1KG4 Datasheet HTML 7Page - Texas Instruments ADS800U1KG4 Datasheet HTML 8Page - Texas Instruments ADS800U1KG4 Datasheet HTML 9Page - Texas Instruments ADS800U1KG4 Datasheet HTML 10Page - Texas Instruments ADS800U1KG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS800
7
SBAS035B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 40MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
DYNAMIC PERFORMANCE
vs SINGLE-ENDED FULL-SCALE INPUT RANGE
45
23
1
Single-Ended Full-Scale Range (Vp-p)
65
60
55
50
45
f
IN = 12MHz
SFDR
SNR
NOTE: REFT
EXT varied,
REFB is fixed at the internal value of +1.25V.
DYNAMIC PERFORMANCE
vs DIFFERENTIAL FULL-SCALE INPUT RANGE
2
3
4
Differential Full-Scale Input Range (Vp-p)
75
70
65
60
55
50
SNR (f
IN = 12MHz)
SFDR (f
IN = 500kHz)
SNR (f
IN = 500kHz)
SFDR (f
IN = 12MHz)
NOTE: REFT
EXT varied,
REFB is fixed at the internal value of +1.25V.
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
vs TEMPERATURE
Temperature (
°C)
90
80
70
60
50
–25
0
25
50
75
f
IN = 500kHz
f
IN = 12MHz
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Temperature (
°C)
80
70
60
50
40
–25
0
25
50
75
f
IN = 500kHz
f
IN = 12MHz
SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
Temperature (
°C)
70
65
60
55
50
–25
0
25
50
75
f
IN = 500kHz
f
IN = 12MHz
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
85
80
75
70
–25
0
25
50
75


Podobny numer części - ADS800U1KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS800U BURR-BROWN-ADS800U Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800U/1K BURR-BROWN-ADS800U/1K Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS800U1KG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com