Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS574JP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS574JP
Szczegółowy opis  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574JP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS574JP Datasheet HTML 3Page - Texas Instruments ADS574JP Datasheet HTML 4Page - Texas Instruments ADS574JP Datasheet HTML 5Page - Texas Instruments ADS574JP Datasheet HTML 6Page - Texas Instruments ADS574JP Datasheet HTML 7Page - Texas Instruments ADS574JP Datasheet HTML 8Page - Texas Instruments ADS574JP Datasheet HTML 9Page - Texas Instruments ADS574JP Datasheet HTML 10Page - Texas Instruments ADS574JP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
®
ADS574
Conversion is initiated by a HIGH-to-LOW transition of
R/C. The three-state data output buffers are enabled when
R/C is HIGH and STATUS is LOW. Thus, there are two
possible modes of operation; data can be read with either a
positive pulse on R/C, or a negative pulse on STATUS. In
either case the R/C pulse must remain LOW for a minimum
of 25ns.
Figure 3 illustrates timing with an R/C pulse which goes
LOW and returns HIGH during the conversion. In this case,
the three-state outputs go to the high-impedance state in
response to the falling edge of R/C and are enabled for
external access of the data after completion of the conver-
sion.
Figure 4 illustrates the timing when a positive R/C pulse is
used. In this mode the output data from the previous conver-
sion is enabled during the time R/C is HIGH. A new
conversion is started on the falling edge of R/C, and the
three-state outputs return to the high-impedance state until
the next occurrence of a HIGH R/C pulse. Timing specifica-
tions for stand-alone operation are listed in Table IV.
FULLY CONTROLLED OPERATION
Conversion Length
Conversion length (8-bit or 12-bit) is determined by the state
of the A0 input, which is latched upon receipt of a conver-
sion start transition (described below). If A0 is latched
HIGH, the conversion continues for 8 bits. The full 12-bit
conversion will occur if A0 is LOW. If all 12 bits are read
following an 8-bit conversion, the 4LSBs (DB0-DB3) will
be LOW (logic 0). A0 is latched because it is also involved
in enabling the output buffers. No other control inputs are
latched.
FIGURE 2. Basic
±10V Operation.
CONVERSION START
The converter initiates a conversion based on a transition
occurring on any of three logic inputs (CE, CS, and R/C) as
shown in Table III. Conversion is initiated by the last of the
three to reach the required state and thus all three may be
dynamically controlled. If necessary, all three may change
state simultaneously, and the nominal delay time is the same
regardless of which input actually starts the conversion. If it
is desired that a particular input establish the actual start of
conversion, the other two should be stable a minimum of
50ns prior to the transition of the critical input. Timing
relationships for start of conversion timing are illustrated in
Figure 5. The specifications for timing are contained in
Table V.
The STATUS output indicates the current state of the con-
verter by being in a high state only during conversion.
During this time the three state output buffers remain in a
high-impedance state, and therefore data cannot be read
during conversion. During this period additional transitions
of the three digital inputs which control conversion will be
ignored, so that conversion cannot be prematurely termi-
nated or restarted. However, if A
0 changes state after the
beginning of conversion, any additional start conversion
transition will latch the new state of A
0, possibly resulting in
an incorrect conversion length (8 bits vs 12 bits) for that
conversion.
Bit 11 (MSB)
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Status
Output
Convert Command
ADS574
+5V
10µF
(1)
NC*
50
50
+5V
Leave Unconnected
*Not internally connected
±10V
Analog
Input
NOTE: (1) Connect to ground or V
EE for
emulation. Connect to +5 for control mode.


Podobny numer części - ADS574JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS574JP BURR-BROWN-ADS574JP Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS574JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com