Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08100 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC08100
Szczegółowy opis  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC08100 Datasheet HTML 1Page - Texas Instruments ADC08100 Datasheet HTML 2Page - Texas Instruments ADC08100 Datasheet HTML 3Page - Texas Instruments ADC08100 Datasheet HTML 4Page - Texas Instruments ADC08100 Datasheet HTML 5Page - Texas Instruments ADC08100 Datasheet HTML 6Page - Texas Instruments ADC08100 Datasheet HTML 7Page - Texas Instruments ADC08100 Datasheet HTML 8Page - Texas Instruments ADC08100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADC08100
www.ti.com
SNAS060I – JUNE 2000 – REVISED MAY 2013
Converter Electrical Characteristics
The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 100 MHz at 50%
duty cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
DC ACCURACY
Resolution with no missing codes
8
Bits
INL
Integral Non-Linearity
±0.5
±1.3
LSB (max)
+1.0
LSB (max)
DNL
Differential Non-Linearity
±0.4
−0.95
LSB (min)
FSE
Full Scale Error
18
±28
mV (max)
VOFF
Zero Scale Offset Error
26
±35
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
VRB
V (min)
VIN
Input Voltage
1.6
VRT
V (max)
(CLK LOW)
3
pF
CIN
VIN Input Capacitance
VIN = 0.75V +0.5 Vrms
(CLK HIGH)
4
pF
RIN
RIN Input Resistance
>1
M
BW
Full Power Bandwidth
200
MHz
VA
V (max)
VRT
Top Reference Voltage
1.9
1.0
V (min)
VRT − 1.0
V (max)
VRB
Bottom Reference Voltage
0.3
0
V (min)
1.0
V (min)
VRT - VRB Reference Delta
1.6
2.3
V (max)
150
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
220
300
Ω (max)
5.3
mA (min)
IREF
Reference Ladder Current
7.3
10.6
mA (max)
(1)
The Electrical characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations for room temperature only
and are not ensured.
(2)
The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not
damage this device. However, errors in the A/D conversion can occur if the input goes above DR VD or below GND by more than 100
mV. For example, if VA is 2.7VDC the full-scale input voltage must be ≤2.6VDC to ensure accurate conversions.
(3)
To ensure accuracy, it is required that VA and DR VD be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors.
(4)
Typical figures represent most likely parametric norms at TJ = 25°C. Test limits are ensured to TI's AOQL (Average Outgoing Quality
Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08100


Podobny numer części - ADC08100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Podobny opis - ADC08100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com