Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC122S051CIMM Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADC122S051CIMM
Szczegółowy opis  ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051CIMM Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC122S051CIMM Datasheet HTML 7Page - Texas Instruments ADC122S051CIMM Datasheet HTML 8Page - Texas Instruments ADC122S051CIMM Datasheet HTML 9Page - Texas Instruments ADC122S051CIMM Datasheet HTML 10Page - Texas Instruments ADC122S051CIMM Datasheet HTML 11Page - Texas Instruments ADC122S051CIMM Datasheet HTML 12Page - Texas Instruments ADC122S051CIMM Datasheet HTML 13Page - Texas Instruments ADC122S051CIMM Datasheet HTML 14Page - Texas Instruments ADC122S051CIMM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADC122S051
www.ti.com
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 200 ksps to 500 ksps, fSCLK = 3.2 MHz to 8 MHz, fIN = 40.2 kHz unless otherwise stated.
DNL vs. Clock Frequency
INL vs. Clock Frequency
Figure 11.
Figure 12.
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
Figure 13.
Figure 14.
DNL vs. Temperature
INL vs. Temperature
Figure 15.
Figure 16.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC122S051


Podobny numer części - ADC122S051CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC122S051CIMM NSC-ADC122S051CIMM Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMM/NOPB TI1-ADC122S051CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051CIMMX NSC-ADC122S051CIMMX Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMMX/NOPB TI1-ADC122S051CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results

Podobny opis - ADC122S051CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com