Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC122S021CIMM Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADC122S021CIMM
Szczegółowy opis  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021CIMM Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC122S021CIMM Datasheet HTML 3Page - Texas Instruments ADC122S021CIMM Datasheet HTML 4Page - Texas Instruments ADC122S021CIMM Datasheet HTML 5Page - Texas Instruments ADC122S021CIMM Datasheet HTML 6Page - Texas Instruments ADC122S021CIMM Datasheet HTML 7Page - Texas Instruments ADC122S021CIMM Datasheet HTML 8Page - Texas Instruments ADC122S021CIMM Datasheet HTML 9Page - Texas Instruments ADC122S021CIMM Datasheet HTML 10Page - Texas Instruments ADC122S021CIMM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
tCSU
tCLH
SCLK
CS
SCLK
tCONVERT
tACQ
Z3
Z2
Z1
Z0
DB10
DONT
DONTC ADD2
ADD1
ADD0
DONTC DONTC DONTC
DB11
DB9
DB8
DB1
16
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tEN
tCL
tACC
tDIS
tCH
tH
tSU
ADC122S021
www.ti.com
SNAS280D – MARCH 2005 – REVISED MARCH 2013
Figure 3. ADC122S021 Serial Timing Diagram
Figure 4. SCLK and CS Timing Parameters
Specification Definitions
ACQUISITION TIME is the time required to acquire the input voltage. That is, it is time required for the hold
capacitor to charge up to the input voltage.
APERTURE DELAY is the time between the fourth falling SCLK edge of a conversion and the time when the
input signal is acquired or held for conversion.
CONVERSION TIME is the time required, after the input voltage is acquired, for the ADC to convert the input
voltage to a digital word.
CROSSTALK is the coupling of energy from one channel into the other channel, or the amount of signal energy
from one analog input that appears at the measured analog input.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The
specification here refers to the SCLK.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD
− 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
FULL SCALE ERROR (FSE) is a measure of how far the last code transition is from the ideal 1½ LSB below
VREF
+ and is defined as:
VFSE = Vmax + 1.5 LSB – VREF
+
where
Vmax is the voltage at which the transition to the maximum code occurs
FSE can be expressed in Volts, LSB or percent of full scale range
(1)
GAIN ERROR is the deviation of the last code transition (111...110) to (111...111) from the ideal (VREF − 1.5
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC122S021


Podobny numer części - ADC122S021CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC122S021CIMM NSC-ADC122S021CIMM Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021CIMM/NOPB TI1-ADC122S021CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S021CIMMX NSC-ADC122S021CIMMX Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021CIMMX/NOPB TI1-ADC122S021CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results

Podobny opis - ADC122S021CIMM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com