Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25M02 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części CAT25M02
Szczegółowy opis  2 Mb SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button CAT25M02 Datasheet HTML 4Page - ON Semiconductor CAT25M02 Datasheet HTML 5Page - ON Semiconductor CAT25M02 Datasheet HTML 6Page - ON Semiconductor CAT25M02 Datasheet HTML 7Page - ON Semiconductor CAT25M02 Datasheet HTML 8Page - ON Semiconductor CAT25M02 Datasheet HTML 9Page - ON Semiconductor CAT25M02 Datasheet HTML 10Page - ON Semiconductor CAT25M02 Datasheet HTML 11Page - ON Semiconductor CAT25M02 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT25M02
http://onsemi.com
10
Hold Operation
The HOLD input can be used to pause communication
between host and CAT25M02. To pause, HOLD must be
taken low while SCK is low (Figure 11). During the hold
condition the device must remain selected (CS low). During
the pause, the data output pin (SO) is tri−stated (high
impedance) and SI transitions are ignored. To resume
communication, HOLD must be taken high while SCK is
low.
Design Considerations
The CAT25M02 device incorporates Power−On Reset
(POR) circuitry which protects the internal logic against
powering up in the wrong state. The device will power up
into Standby mode after VCC exceeds the POR trigger level
and will power down into Reset mode when VCC drops
below the POR trigger level. This bi−directional POR
behavior protects the device against ‘brown−out’ failure
following a temporary loss of power.
The CAT25M02 device powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued prior to any writes to the device.
After power up, the CS pin must be brought low to enter
a ready state and receive an instruction. After a successful
byte/page write or status register write, the device goes into
a write disable mode. The CS input must be set high after the
proper number of clock cycles to start the internal write
cycle. Access to the memory array during an internal write
cycle is ignored and programming is continued. Any invalid
op−code will be ignored and the serial output pin (SO) will
remain in the high impedance state.
SCK
SO
HIGH IMPEDANCE
Figure 11. HOLD Timing
Note: Dashed Line = mode (1, 1)
tHD
tHD
tCD
tCD
tLZ
tHZ
HOLD
CS


Podobny numer części - CAT25M02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02 ONSEMI-CAT25M02 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
More results

Podobny opis - CAT25M02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com