Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10DL065 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC10DL065
Szczegółowy opis  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10DL065 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADC10DL065 Datasheet HTML 1Page - Texas Instruments ADC10DL065 Datasheet HTML 2Page - Texas Instruments ADC10DL065 Datasheet HTML 3Page - Texas Instruments ADC10DL065 Datasheet HTML 4Page - Texas Instruments ADC10DL065 Datasheet HTML 5Page - Texas Instruments ADC10DL065 Datasheet HTML 6Page - Texas Instruments ADC10DL065 Datasheet HTML 7Page - Texas Instruments ADC10DL065 Datasheet HTML 8Page - Texas Instruments ADC10DL065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ADC10DL065
VINB-
VINB+
AGND
AGND
AGND
VREF
VRNB
VRPB
VRMB
VA
VINA-
VINA+
MULTIPLEX
VRNA
VRPA
VRMA
DA4
DA5
ABb
VD
DB1
DB2
DB3
DR GND
DA6
DA7
DA8
DA9
VD
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
48
47
46
45
44
43
42
41
40
39
38
37
35
34
33
36
OEB
NC
DB0
ADC10DL065
SNAS314B – JUNE 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC10DL065


Podobny numer części - ADC10DL065

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
National Semiconductor ...
ADC10DL065CIVS NSC-ADC10DL065CIVS Datasheet
1Mb / 26P
   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Texas Instruments
ADC10DL065CIVS TI1-ADC10DL065CIVS Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10DL065CIVS/NOPB TI1-ADC10DL065CIVS/NOPB Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results

Podobny opis - ADC10DL065

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
[Old version datasheet]   Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
[Old version datasheet]   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
   Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com