Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1131 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS1131
Szczegółowy opis  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1131_14 Datasheet HTML 4Page - Texas Instruments ADS1131_14 Datasheet HTML 5Page - Texas Instruments ADS1131_14 Datasheet HTML 6Page - Texas Instruments ADS1131_14 Datasheet HTML 7Page - Texas Instruments ADS1131_14 Datasheet HTML 8Page - Texas Instruments ADS1131_14 Datasheet HTML 9Page - Texas Instruments ADS1131_14 Datasheet HTML 10Page - Texas Instruments ADS1131_14 Datasheet HTML 11Page - Texas Instruments ADS1131_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Frequency(Hz)
0
-50
-100
-150
0
10
20
30
40
50
60
70
80
90
100
(a)
Frequency(Hz)
(b)
-50
-100
-150
49
48
46 47
50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
DataRate=10SPS
DataRate=10SPS
ADS1131
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
www.ti.com
FREQUENCY RESPONSE
The ADS1131 uses a sinc4 digital filter with the
frequency response. The frequency response repeats
at multiples of the modulator sampling frequency of
76.8kHz. The overall response is that of a low-pass
filter with a –3dB cutoff frequency of 3.32Hz with the
SPEED pin tied low (10SPS data rate) and 11.64Hz
with the SPEED pin tied high (80SPS data rate).
To help see the response at lower frequencies,
Figure 4(a) illustrates the nominal response out to
100Hz, when the data rate = 10SPS. Notice that
signals at multiples of 10Hz are rejected, and
therefore simultaneous rejection of 50Hz and 60Hz is
achieved.
The benefit of using a sinc4 filter is that every
frequency notch has four zeros on the same location.
This response, combined with the low drift internal
oscillator,
provides
an
excellent
normal-mode
rejection of line-cycle interference.
Figure 4(b) zooms in on the 50Hz and 60Hz notches
with the SPEED pin tied low (10SPS data rate).
Figure 4. Nominal Frequency Response Out To
100Hz
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADS1131


Podobny numer części - ADS1131_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Podobny opis - ADS1131_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com