Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1203IPWRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS1203IPWRG4
Szczegółowy opis  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IPWRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1203IPWRG4 Datasheet HTML 3Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 4Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 5Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 6Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 9Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 10Page - Texas Instruments ADS1203IPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
MCLK
MDAT
t
C1
t
W1
t
D1
Figure 1. Mode 0 Operation
TIMING CHARACTERISTICS: MODE 0
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MODE
MIN
MAX
UNIT
tC1
Clock period
0
91
111
ns
tW1
Clock high time
0
(tC1/2) − 5
(tC1/2) + 5
ns
tD1
Data delay after falling edge of clock
0
−2
2
ns
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.
MCLK
MDAT
t
W2
t
C2
t
D2
t
D3
Figure 2. Mode 1 Operation
TIMING CHARACTERISTICS: MODE 1
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V(1) or AVDD = +5V, BVDD = +3V(2) or VDD = +5V(1),
unless otherwise noted.
PARAMETER
MODE
MIN
MAX
UNIT
tC2
Clock period
1
182
222
ns
tW2
Clock high time
1
(tC2/2) − 5
(tC2/2) + 5
ns
tD2
Data delay after rising edge of clock
1
(tW2/2) − 2
(tW2/2) + 2
ns
tD3
Data delay after falling edge of clock
1
(tW2/2) − 2
(tW2/2) + 2
ns
(1) Applicable for 5.0V nominal supply: BV
DD (min) = 4.5V and BVDD (max) = 5.5V.
(2) Only for QFN package. Applicable for 3.0V nominal supply: BV
DD (min) = 2.7V and BVDD (max) = 3.6V.


Podobny numer części - ADS1203IPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1203IPWRG4 TI1-ADS1203IPWRG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Podobny opis - ADS1203IPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com